Electronic Components Datasheet Search
  English  ▼

X  

VLMB41 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMB41
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB41 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMB41 Datasheet HTML 1Page - Vishay Siliconix VLMB41 Datasheet HTML 2Page - Vishay Siliconix VLMB41 Datasheet HTML 3Page - Vishay Siliconix VLMB41 Datasheet HTML 4Page - Vishay Siliconix VLMB41 Datasheet HTML 5Page - Vishay Siliconix VLMB41 Datasheet HTML 6Page - Vishay Siliconix VLMB41 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMB41..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Aug-15
1
Document Number: 81641
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
This device has been designed to meet the increasing
demand for blue SMD LED.
The package of the VLMB41.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled with
clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• High efficient InGaN technology
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2 a
• ESD withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Backlighting for audio and video equipment
• Backlighting in office equipment
• Indoor and outdoor message boards
• Flat backlight for LCDs, switches, and symbols
• Illumination purposes, alternative to incandescent lamps
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
VLMB41P1Q2-GS08
Blue
45
90
112
10
462
469
476
10
-
3.2
4.2
20
InGaN on
Sapphire
VLMB41P1Q2-GS18
Blue
45
90
112
10
462
469
476
10
-
3.2
4.2
20
InGaN on
Sapphire
VLMB41P2Q2-GS08
Blue
56
90
112
10
462
469
476
10
-
3.2
4.2
20
InGaN on
Sapphire
VLMB41P2Q2-GS18
Blue
56
90
112
10
462
469
476
10
-
3.2
4.2
20
InGaN on
Sapphire
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMB41..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
Tamb
≤ 80 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
84
mW
Junction temperature
Tj
110
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction / ambient Mounted on PC board (pad size > 16 mm2)RthJA
360
K/W


Similar Part No. - VLMB41

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB41 VISHAY-VLMB41 Datasheet
174Kb / 7P
Standard SMD LED PLCC-2
03-Aug-15
VLMB41 VISHAY-VLMB41 Datasheet
227Kb / 7P
Standard SMD LED PLCC-2
05-Jul-2022
VLMB41.. VISHAY-VLMB41.. Datasheet
227Kb / 7P
Standard SMD LED PLCC-2
05-Jul-2022
VLMB41P1Q1-GS08 VISHAY-VLMB41P1Q1-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLMB41P1Q1-GS18 VISHAY-VLMB41P1Q1-GS18 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
More results

Similar Description - VLMB41

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com