Electronic Components Datasheet Search
  English  ▼

X  

VLMC310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMC310
Description  Low Current SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMC310 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMC310 Datasheet HTML 1Page - Vishay Siliconix VLMC310 Datasheet HTML 2Page - Vishay Siliconix VLMC310 Datasheet HTML 3Page - Vishay Siliconix VLMC310 Datasheet HTML 4Page - Vishay Siliconix VLMC310 Datasheet HTML 5Page - Vishay Siliconix VLMC310 Datasheet HTML 6Page - Vishay Siliconix VLMC310 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMC310.
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 10-Feb-2020
1
Document Number: 81649
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Current SMD LED PLCC-2
DESCRIPTION
These new devices have been designed to meet the
increasing demand for low current SMD LEDs.
The package of the VLMC310. is the PLCC-2 (equivalent to
a size B tantalum capacitor).
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: low current
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight for battery driven equipment
• Small indicator for outdoor applications
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
VLMC3100-GS08
Green
0.71
1.6
-
2
562
572
575
2
-
1.9
2.4
2
GaP on GaP
VLMC3100-GS18
Green
0.71
1.6
-
2
562
572
575
2
-
1.9
2.4
2
GaP on GaP
VLMC3101-GS08
Green
1.12
1.6
-
2
562
572
575
2
-
1.9
2.4
2
GaP on GaP
VLMC3101-GS18
Green
1.12
1.6
-
2
562
572
575
2
-
1.9
2.4
2
GaP on GaP


Similar Part No. - VLMC310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMC310 VISHAY-VLMC310 Datasheet
890Kb / 7P
Low Current SMD LED PLCC-2
30-Apr-13
VLMC310 VISHAY-VLMC310 Datasheet
231Kb / 7P
Low Current SMD LED PLCC-2
25-Apr-2022
VLMC310. VISHAY-VLMC310. Datasheet
231Kb / 7P
Low Current SMD LED PLCC-2
25-Apr-2022
VLMC3100 VISHAY-VLMC3100 Datasheet
196Kb / 8P
Low Current SMD LED PLCC-2
18-Sep-07
VLMC3100-GS08 VISHAY-VLMC3100-GS08 Datasheet
890Kb / 7P
Low Current SMD LED PLCC-2
30-Apr-13
More results

Similar Description - VLMC310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMA3100 VISHAY-VLMA3100 Datasheet
197Kb / 8P
Low Current SMD LED PLCC-2
24-May-07
VLMT3100 VISHAY-VLMT3100 Datasheet
197Kb / 8P
Low Current SMD LED PLCC-2
01-Jun-07
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
914Kb / 7P
Low Current SMD LED PLCC-2
15-Mar-11
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3100-GS08 TO-GRACE-VLMC3100-GS08 Datasheet
623Kb / 7P
Low Current SMD LED PLCC-2
VLMS3000-GS08 TO-GRACE-VLMS3000-GS08 Datasheet
656Kb / 9P
Low Current SMD LED PLCC-2
VLMYG30H2K1 TO-GRACE-VLMYG30H2K1 Datasheet
650Kb / 7P
Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMT3100 VISHAY-VLMT3100_V01 Datasheet
169Kb / 7P
Low Current SMD LED PLCC-2
03-Aug-15
VLMT3100 VISHAY-VLMT3100_V02 Datasheet
232Kb / 7P
Low Current SMD LED PLCC-2
21-Apr-2022
VLMY30 VISHAY-VLMY30_V02 Datasheet
262Kb / 8P
Low Current SMD LED PLCC-2
09-May-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com