Electronic Components Datasheet Search
  English  ▼

X  

VLMG21 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMG21
Description  Standard Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG21 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMG21 Datasheet HTML 1Page - Vishay Siliconix VLMG21 Datasheet HTML 2Page - Vishay Siliconix VLMG21 Datasheet HTML 3Page - Vishay Siliconix VLMG21 Datasheet HTML 4Page - Vishay Siliconix VLMG21 Datasheet HTML 5Page - Vishay Siliconix VLMG21 Datasheet HTML 6Page - Vishay Siliconix VLMG21 Datasheet HTML 7Page - Vishay Siliconix VLMG21 Datasheet HTML 8Page - Vishay Siliconix VLMG21 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VLMG21..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-May-2019
3
Document Number: 81750
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Forward Current
Fig. 5 - Relative. Luminous Intensity vs. Ambient Temperature
Fig. 6 - Relative Intensity vs. Wavelength
SOLDERING PROFILE
Fig. 7 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020)
green
0.1
1
10
100
VF - Forward Voltage (V)
5
2
1
03
95 9986
4
green
IF - Forward Current (mA)
100
0.01
0.1
1
10
95 9996
10
1
green
0
0.4
0.8
1.6
1.2
2.0
95 10320
Tamb - Ambient Temperature (°C)
20
40
60
80
0
100
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ - Wavelength (nm)
1.0
green
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885-1
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC level 3
max. 2 cycles allowed
255 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com