Electronic Components Datasheet Search
  English  ▼

X  

MM54HC181 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC181
Description  Arithmetic Logic Units/Function Generators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC181 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC181 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 8Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF5320
January 1988
MM54HC181MM74HC181
Arithmetic Logic UnitsFunction Generators
General Description
These arithmetic logic units (ALU)function generators uti-
lize advanced silicon-gate CMOS technology They possess
the high noise immunity and low power consumption of
standard CMOS integrated circuits as well as the ability to
drive 10 LS-TTL loads
The MM54HC181MM74HC181 are arithmetic logic unit
(ALU)function generators that have a complexity of 75
equivalent gates on a monolithic chip These circuits per-
form 16 binary arithmetic operations on two 4-bit words as
shown in Tables 1 and 2 These operations are selected by
the four function-select lines (S0 S1 S2 S3) and include
addition
subtraction
decrement
and straight transfer
When performing arithmetic manipulations the internal car-
ries must be enabled by applying a low-level voltage to the
mode control input (M) A full carry look-ahead scheme is
made available in these devices for fast simultaneous carry
generation by means of two cascade-outputs (pins 15 and
17) for the four bits in the package When used in conjunc-
tion with the MM54HC182 or MM74HC182 full carry look-
ahead circuits high-speed arithmetic operations can be per-
formed The method of cascading HC182 circuits with these
ALU’s to provide multi-level full carry look-ahead is illustrat-
ed under typical applications data for the MM54HC182
MM74HC182
If high speed is not of importance a ripple-carry input (Cn)
and a ripple-carry output (Cna4) are available However
the ripple-carry delay has also been minimized so that arith-
metic manipulations for small word lengths can be per-
formed without external circuitry
Features
Y
Full look-ahead for high-speed operations on
long words
Y
Arithmetic operating modes
Addition
Subtraction
Shift operand a one position magnitude comparison
Plus twelve other arithmetic operations
Y
Logic function modes
Exclusive-OR
Comparator
AND NAND OR NOR
Plus ten other logic operations
Y
Wide operating voltage range 2V – 6V
Y
Low input current 1 mA maximum
Y
Low quiescent current 80 mA maximum
Connection Diagram
Dual-In-Line Package
TLF5320 – 1
Top View
Order Number MM54HC181 or MM74HC181
Pin Designations
Designation
Pin Nos
Function
A3 A2 A1 A0
19 21 23 2
Word A Inputs
B3 B2 B1 B0
18 20 22 1
Word B Inputs
S3 S2 S1 S0
3 4 5 6
Function-Select
Inputs
Cn
7
Inv Carry Input
M8
Mode Control
Input
F3 F2 F1 F0
13 11 10 9
Function Outputs
A e B
14
Comparator Outputs
P15
Carry Propagate
Output
Cna4
16
Inv Carry Output
G17
Carry Generate
Output
VCC
24
Supply Voltage
GND
12
Ground
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC181

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC107 NSC-MM54HC107 Datasheet
130Kb / 6P
MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM54HC107J NSC-MM54HC107J Datasheet
130Kb / 6P
MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
MM54HC11 NSC-MM54HC11 Datasheet
81Kb / 4P
Triple 3-Input AND Gate
January 1988
MM54HC112 NSC-MM54HC112 Datasheet
275Kb / 6P
Dual J-K Flip-Flop with Preset and Clear
MM54HC11J NSC-MM54HC11J Datasheet
81Kb / 4P
Triple 3-Input AND Gate
January 1988
More results

Similar Description - MM54HC181

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Oct-1993
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
Texas Instruments
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SN54AS181B TI1-SN54AS181B_14 Datasheet
349Kb / 17P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI1-SN54LS181_15 Datasheet
601Kb / 16P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com