Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA190
Description  INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA190 Datasheet(HTML) 2 Page - Texas Instruments

  INA190 Datasheet HTML 1Page - Texas Instruments INA190 Datasheet HTML 2Page - Texas Instruments INA190 Datasheet HTML 3Page - Texas Instruments INA190 Datasheet HTML 4Page - Texas Instruments INA190 Datasheet HTML 5Page - Texas Instruments INA190 Datasheet HTML 6Page - Texas Instruments INA190 Datasheet HTML 7Page - Texas Instruments INA190 Datasheet HTML 8Page - Texas Instruments INA190 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................16
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Applications.................................................. 25
9 Power Supply Recommendations................................26
10 Layout...........................................................................27
10.1 Layout Guidelines................................................... 27
10.2 Layout Examples.................................................... 27
11 Device and Documentation Support..........................29
11.1 Documentation Support.......................................... 29
11.2 Receiving Notification of Documentation Updates.. 29
11.3 Support Resources................................................. 29
11.4 Trademarks............................................................. 29
11.5 Electrostatic Discharge Caution.............................. 29
11.6 Glossary.................................................................. 29
12 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
Changes from Revision * (May 2019) to Revision A (March 2022)
Page
• Changed data sheet title from: INA190-Q1 Automotive, 40-V, High Precision, Low Bias Current, Low Power,
Current Sense Amplifier to: INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier
With picoamp IB and ENABLE........................................................................................................................... 1
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added Functional Safety information to the Features section............................................................................ 1
• Added bullet to the Features section: Low shutdown current: 100 nA (maximum) ............................................1
• Added bullet to the Features section: Common-mode rejection ratio: 132 dB (minimum) ................................ 1
• Changed the maximum gain drift in Features from: 5 ppm/°C to: 7 ppm/°C to match values in the Electrical
Characteristics table........................................................................................................................................... 1
• Changed the maximum offset drift in Features from: 0.13 µV/°C to: 80 nV/°C to match values in the Electrical
Characteristics table........................................................................................................................................... 1
• Changed the Applications section...................................................................................................................... 1
• Added DDF 8-pin SOT-23 package.................................................................................................................... 1
INA190-Q1
SBOS871A – MAY 2019 – REVISED MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA190-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com