Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA186 Datasheet HTML 19Page - Texas Instruments INA186 Datasheet HTML 20Page - Texas Instruments INA186 Datasheet HTML 21Page - Texas Instruments INA186 Datasheet HTML 22Page - Texas Instruments INA186 Datasheet HTML 23Page - Texas Instruments INA186 Datasheet HTML 24Page - Texas Instruments INA186 Datasheet HTML 25Page - Texas Instruments INA186 Datasheet HTML 26Page - Texas Instruments INA186 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
8.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based on choice of gain, value of the maximum
current the be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. Using Equation 6, for the given
design parameters the maximum value for RSENSE is calculated to be 1.321 kΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(6)
However, because this value exceeds the maximum recommended value for RSENSE, a resistance value of 1
kΩ must be used. When operating at the minimum current value, IMIN the output voltage must be greater than
the swing to GND (VSN), specification. For this example, the output voltage at the minimum current is calculated
using Equation 7 to be 25 mV, which is greater than the value for VSN.
OUTMIN
MIN
SENSE
V
I
R
GAIN
u
u
(7)
8.2.3 Application Curve
Figure 8-7 shows the output of the device under the conditions given in Table 8-1 and with RSENSE = 1 kΩ.
Input Current (µA)
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
3.5
4
D031
Figure 8-7. Typical Application DC Transfer Function
9 Power Supply Recommendations
The input circuitry of the INA186-Q1 accurately measures beyond the power-supply voltage, VS. For example,
VS can be 5 V, whereas the bus supply voltage at IN+ and IN– can be as high as 40 V. However, the output
voltage range of the OUT pin is limited by the voltage on the VS pin. The INA186-Q1 also withstands the full
differential input signal range up to 40 V at the IN+ and IN– input pins, regardless of whether the device has
power applied at the VS pin. There is no sequencing requirement for VS and VIN+ or VIN–.
www.ti.com
INA186-Q1
SBOS386B – MAY 2019 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA186-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com