Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS240 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS240
Description  SN74HCS240-Q1 Automotive Octal Inverting Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS240 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74HCS240 Datasheet HTML 17Page - Texas Instruments SN74HCS240 Datasheet HTML 18Page - Texas Instruments SN74HCS240 Datasheet HTML 19Page - Texas Instruments SN74HCS240 Datasheet HTML 20Page - Texas Instruments SN74HCS240 Datasheet HTML 21Page - Texas Instruments SN74HCS240 Datasheet HTML 22Page - Texas Instruments SN74HCS240 Datasheet HTML 23Page - Texas Instruments SN74HCS240 Datasheet HTML 24Page - Texas Instruments SN74HCS240 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
C
20X
0.3
0.2
1.05
0.95
20X
0.45
0.35
1.0
0.8
(0.2) TYP
0.05
0.00
14X 0.5
2X
3.5
2X 0.5
3.05
2.95
(0.1) MIN
(0.13)
A
2.6
2.4
B
4.6
4.4
VQFN - 1 mm max height
RKS0020B
PLASTIC QUAD FLATPACK - NO LEAD
4226762/A 06/2021
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
20
11
10
8
9
19
18
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
1
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.300
SECTION A-A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com