| Electronic Components Datasheet Search |
|
SN74HCS244 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74HCS244 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 28 page ![]() 8 Detailed Description 8.1 Overview The SN74HCS244-Q1 contains 8 individual high speed CMOS buffers with Schmitt-trigger inputs and 3-state outputs. Each buffer performs the boolean logic function xYn = xAn, with x being the bank number and n being the channel number. Each output enable (xOE) controls four buffers. When the xOE pin is in the low state, the outputs of all buffers in the bank x are enabled. When the xOE pin is in the high state, the outputs of all buffers in the bank x are disabled. All disabled output are placed into the high-impedance state. To ensure the high-impedance state during power up or power down, both OE pins should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current sinking capability of the driver and the leakage of the pin as defined in the Electrical Characteristics table. 8.2 Functional Block Diagram Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS244-Q1 8.3 Feature Description 8.3.1 Balanced CMOS Push-Pull Outputs This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink and source similar currents. The drive capability of this device may create fast edges into light loads so routing and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without being damaged. It is important for the output power of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times. Unused push-pull CMOS outputs should be left disconnected. 8.3.2 CMOS Schmitt-Trigger Inputs This device includes inputs with the Schmitt-trigger architecture. These inputs are high impedance and are typically modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics table from the input to ground. The worst case resistance is calculated with the maximum input voltage, given in the Absolute Maximum Ratings table, and the maximum input leakage current, given in the Electrical Characteristics table, using Ohm's law (R = V ÷ I). SN74HCS244-Q1 SCLS821C – JULY 2020 – REVISED FEBRUARY 2022 www.ti.com 8 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: SN74HCS244-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |