Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS245 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS245
Description  SN74HCS245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs and Schmitt-Trigger Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS245 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS245 Datasheet HTML 1Page - Texas Instruments SN74HCS245 Datasheet HTML 2Page - Texas Instruments SN74HCS245 Datasheet HTML 3Page - Texas Instruments SN74HCS245 Datasheet HTML 4Page - Texas Instruments SN74HCS245 Datasheet HTML 5Page - Texas Instruments SN74HCS245 Datasheet HTML 6Page - Texas Instruments SN74HCS245 Datasheet HTML 7Page - Texas Instruments SN74HCS245 Datasheet HTML 8Page - Texas Instruments SN74HCS245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
20
19
18
17
16
15
14
8
13
9
12
10
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
V
CC
OE
B1
B2
B3
B4
B5
B6
B7
B8
PW Package
20-Pin TSSOP
Top View
VCC
B8
GND
A1
A2
A3
A4
A5
A6
A7
A8
DIR
OE
B1
B2
B3
B4
B5
B6
B7
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
PAD
WRKS Package
20-Pin VQFN
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
TSSOP NO.
NAME
1
DIR
I
Direction control input (L = B → A, H = A → B)
2
A1
I/O
Channel 1 output/input A
3
A2
I/O
Channel 2 output/input A
4
A3
I/O
Channel 3 output/input A
5
A4
I/O
Channel 4 output/input A
6
A5
I/O
Channel 5 output/input A
7
A6
I/O
Channel 6 output/input A
8
A7
I/O
Channel 7 output/input A
9
A8
I/O
Channel 8 output/input A
10
GND
—
Ground
11
B8
I/O
Channel 8 input/output B
12
B7
I/O
Channel 7 input/output B
13
B6
I/O
Channel 6 input/output B
14
B5
I/O
Channel 5 input/output B
15
B4
I/O
Channel 4 input/output B
16
B3
I/O
Channel 3 input/output B
17
B2
I/O
Channel 2 input/output B
18
B1
I/O
Channel 1 input/output B
19
OE
I
Output enable, active low
20
VCC
—
Positive supply
Thermal Pad(2)
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output.
(2)
WRKS package only.
www.ti.com
SN74HCS245-Q1
SCLS848B – SEPTEMBER 2020 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS245-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com