Electronic Components Datasheet Search
  English  ▼

X  

STFV4N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFV4N150
Description  N-CHANNEL 1500V - 5-ohm - 4A TO-220FH Very High Voltage PowerMESH-TM MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFV4N150 Datasheet(HTML) 1 Page - STMicroelectronics

  STFV4N150 Datasheet HTML 1Page - STMicroelectronics STFV4N150 Datasheet HTML 2Page - STMicroelectronics STFV4N150 Datasheet HTML 3Page - STMicroelectronics STFV4N150 Datasheet HTML 4Page - STMicroelectronics STFV4N150 Datasheet HTML 5Page - STMicroelectronics STFV4N150 Datasheet HTML 6Page - STMicroelectronics STFV4N150 Datasheet HTML 7Page - STMicroelectronics STFV4N150 Datasheet HTML 8Page - STMicroelectronics STFV4N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2005
STFV4N150
N-CHANNEL 1500V - 5
Ω - 4A TO-220FH
Very High Voltage PowerMESH™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 5 Ω
s
AVALANCHE RUGGEDNESS
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
HIGH SPEED SWITCHING
s
FULLY PLASTIC TO-220 PACKAGE
s
CREEPAGE DISTANCE PATH IS > 4mm
DESCRIPTION
Using the well consolidated high voltage MESH
OVERLAY™ process, STMicroelectronics has de-
signed an advanced family of Power MOSFETs
with outstanding performances. The strengthened
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, unrivalled gate charge and
switching characteristics. The creepage path is
what makes this package unique from TO-220FP.
The creepage distance path between each lead
and between the leads and the heatsink has been
increased to >4.0mm, making this package met all
stringent safety norms in high voltage applications.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STFV4N150
1500 V
< 7
Ω
4 A
40 W
TO-220FH
SALES TYPE
MARKING
PACKAGE
PACKAGING
STFV4N150
FV4N150
TO-220FH
TUBE
Rev. 1


Similar Part No. - STFV4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
249Kb / 13P
N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
06-Mar-2007
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
459Kb / 16P
N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
09-Apr-2008
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
06-Mar-2007
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
09-Apr-2008
More results

Similar Description - STFV4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
14-Nov-2005
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
05-Jan-2007
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
12-Oct-2006
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
26-Jan-2007
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
28-Jul-2006
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
06-Mar-2007
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
10-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com