Electronic Components Datasheet Search
  English  ▼

X  

BNI004T Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BNI004T
Description  I/O modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNI004T Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BNI004T Datasheet HTML 1Page - Balluff Korea Ltd. BNI004T Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O modules
BNI IOL-716-000-K023
Order Code: BNI004T
Internet
www.balluff.com
eCl@ss 9.1: 27-24-26-02
Subject to change without notice: 281412
ETIM 6.0: EC001599
BNI004T_0.46_2021-08-25
2 / 2
Interface
Analog inputs
Analog, temperature (Pt100)
Cycle time min.
3 ms
IO-Link version
1
Interface
IO-Link 1.0
Process data IN
2 bytes
Process data cycle min.
12 ms
Transfer rate
COM2 (38.4 kBaud)
Material
Gasket, material
FKM 75
Housing material
PA
Housing shield
no
Mechanical data
Dimension
14.2 x 50.4 x 40 mm
Range/Distance
Resolution
≤ 14 bits
Remarks
See short guide
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
IO-Link
PIN 1: +24V, 1.4A
PIN 2: n.c.
PIN 3: GND, reference potential
PIN 4: C/Q, IO-Link



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com