Electronic Components Datasheet Search
  English  ▼

X  

PI6C184 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # PI6C184
Description  Precision 1-13 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

PI6C184 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  PI6C184 Datasheet HTML 1Page - Advanced Analogic Technologies PI6C184 Datasheet HTML 2Page - Advanced Analogic Technologies PI6C184 Datasheet HTML 3Page - Advanced Analogic Technologies PI6C184 Datasheet HTML 4Page - Advanced Analogic Technologies PI6C184 Datasheet HTML 5Page - Advanced Analogic Technologies PI6C184 Datasheet HTML 6Page - Advanced Analogic Technologies PI6C184 Datasheet HTML 7Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI6C184
Precision 1-13 Clock Buffer
2
PS8320D
10/14/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PinDescription
I2C Address Assignment
SerialConfigurationMap
Byte0: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
Note:
Inactive means outputs are held LOW and are
disabled from switching
n
i
Pl
o
b
m
y
Se
p
y
T
-
t
i
t
n
a
u
Q
y
n
o
i
t
p
i
r
c
s
e
D
9
1
,
8
1
,
1
1
,
0
1
,
7
,
6
,
3
,
2]
7
.
0
[
M
A
R
D
S0
8
t
u
p
t
u
o
k
c
o
l
c
0
e
t
y
B
M
A
R
D
S
2
1
,
7
2
,
6
2]
2
1
.
0
1
[
M
A
R
D
S0
3
t
u
p
t
u
o
k
c
o
l
c
1
e
t
y
B
M
A
R
D
S
3
2
,
2
2]
9
.
8
[
M
A
R
D
S0
2
t
u
p
t
u
o
k
c
o
l
c
2
e
t
y
B
M
A
R
D
S
9N
I
_
F
U
B1
1
r
e
f
f
u
b
-
3
1
-
1
r
o
f
t
u
p
n
I
4
1A
T
A
D
SO
/
I1
I
r
o
f
n
i
p
a
t
a
D
2
a
s
a
H
.
y
r
ti
u
c
r
i
c
C
r
o
t
s
i
s
e
r
p
u
-
ll
u
p
l
a
n
r
e
t
n
I
k
0
0
1
5
1K
L
C
SO
/
I1
I
r
o
f
n
i
p
k
c
o
l
C
2
p
u
-
ll
u
p
l
a
n
r
e
t
n
I
k
0
0
1
a
s
a
H
.
y
r
ti
u
c
r
i
c
C
r
o
t
s
i
s
e
r
8
2
,
4
2
,
0
2
,
3
1
,
5
,
1V D
D
r
e
w
o
P6
r
e
f
f
u
b
M
A
R
D
S
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
3
.
3
5
2
,
1
2
,
7
1
,
6
1
,
8
,
4V S
S
d
n
u
o
r
G6
s
r
e
f
f
u
B
M
A
R
D
S
r
o
f
d
n
u
o
r
G
t
i
B#
n
i
Pn
o
i
t
p
i
r
c
s
e
D
7
ti
B9
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
7
M
A
R
D
S
6
ti
B8
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
6
M
A
R
D
S
5
ti
B1
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
5
M
A
R
D
S
4
ti
B0
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
4
M
A
R
D
S
3
ti
B7
)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
3
M
A
R
D
S
2
ti
B6
)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
2
M
A
R
D
S
1
ti
B3
)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
1
M
A
R
D
S
0
ti
B2
)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
0
M
A
R
D
S
6
A5
A4
A3
A2
A1
A0
AW
/
R
11
0
1
00
1
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com