Electronic Components Datasheet Search
  English  ▼

X  

MGC3140 Datasheet(PDF) 41 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 37Page - Microchip Technology MGC3140 Datasheet HTML 38Page - Microchip Technology MGC3140 Datasheet HTML 39Page - Microchip Technology MGC3140 Datasheet HTML 40Page - Microchip Technology MGC3140 Datasheet HTML 41Page - Microchip Technology MGC3140 Datasheet HTML 42Page - Microchip Technology MGC3140 Datasheet HTML 43Page - Microchip Technology MGC3140 Datasheet HTML 44Page - Microchip Technology MGC3140 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
12.
Revision History
Revision
Date
Description
C
03/2022
Corrected Figure 1-1 for 40 and 41 pin names; other minor corrections.
B
01/2021
Added note on TS line usage; updated clarification note on Stop condition usage;
updated reference schematics; added note to Figure 10-2 and removed Figure 10-3;
updated various pin names and descriptions; removed erroneous references to I2C
Address 0x43; removed references to Gesture Port; corrected typographical errors,
terminology, and other minor errors
A
05/2018
Initial document release
MGC3140
Revision History
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com