Electronic Components Datasheet Search
  English  ▼

X  

MIC2215 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC2215 Datasheet HTML 14Page - Microchip Technology MIC2215 Datasheet HTML 15Page - Microchip Technology MIC2215 Datasheet HTML 16Page - Microchip Technology MIC2215 Datasheet HTML 17Page - Microchip Technology MIC2215 Datasheet HTML 18Page - Microchip Technology MIC2215 Datasheet HTML 19Page - Microchip Technology MIC2215 Datasheet HTML 20Page - Microchip Technology MIC2215 Datasheet HTML 21Page - Microchip Technology MIC2215 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006274B-page 19
MIC2215
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2215-AAAYML-TR:MIC2215, Adjustable Output
Voltages, –40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
b) MIC2215-MMGYML-TR:MIC2215, 2.8V/2.8V/1.8V
Output Voltages,
–40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
c) MIC2215-MMMYML-TR:MIC2215, 2.8V/2.8V/2.8V
Output Voltages,
–40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
d) MIC2215-PMMYML-TR:MIC2215, 3.0V/2.8V/2.8V
Output Voltages,
–40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
e) MIC2215-PPGYML-TR:MIC2215, 3.0V/3.0V/1.8V
Output Voltages,
–40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
f) MIC2215-PPMYML-TR:MIC2215, 3.0V/3.0V/2.8V
Output Voltages,
–40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
g) MIC2215-PPPYML-TR:MIC2215, 3.0V/3.0V/3.0V
Output Voltages,
–40°C to +125°C
Temperature Range,
16-Lead QFN, 5,000/Reel
Device:
MIC2215:
High PSRR, Low Noise µCap Triple LDO
VOUT1, VOUT2,
VOUT3 Options:
A
=
Adjustable
F
=
1.5V
W
=
1.6V
G
=
1.8V
D
=
1.85V
Y
=
1.9V
H
=
2.0V
E
=
2.1V
J
=
2.5V
K
=
2.6V
I
=
2.65V
L
=
2.7V
M
=
2.8V
N
=
2.85V
O
=
2.9V
P
=
3.0V
Q
=
3.1V
R
=
3.2V
S
=
3.3V
T
=
3.4V
U
=
3.5V
V
=
3.6V
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
ML =
16-Lead 4 mm x 4 mm QFN
Media Type:
TR =
5,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X
X
X
X
XX
-XX
Part No.
VOUT1
VOUT2
VOUT3
Junction
Temp.
Range
Package
Media
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com