Electronic Components Datasheet Search
  English  ▼

X  

2201-1207 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2201-1207
Description  2-conductor ground terminal block; with push-button
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2201-1207 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2201-1207 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2201-1207 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data sheet | Item number: 2201-1207
2-conductor ground terminal block; with push-button; 1.5 mm²; with test
port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE
CLAMP®; 1,50 mm²; green-yellow
www.wago.com/2201-1207
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
1 13
Color:
Data
Electrical data


Similar Part No. - 2201-1207

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2201-1201 WAGO-2201-1201 Datasheet
736Kb / 14P
2-conductor through terminal block; with push-button
24.11.2021
More results

Similar Description - 2201-1207

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2104-5207 WAGO-2104-5207 Datasheet
775Kb / 14P
2-conductor ground terminal block; with lever and push-button; 4 mm짼
24.11.2021
2116-5307 WAGO-2116-5307 Datasheet
683Kb / 13P
3-conductor ground terminal block; with lever and push-button
24.11.2021
2201-1307 WAGO-2201-1307 Datasheet
735Kb / 13P
3-conductor ground terminal block; with push-button
24.11.2021
2201-1407 WAGO-2201-1407 Datasheet
717Kb / 13P
4-conductor ground terminal block; with push-button
24.11.2021
2202-1207 WAGO-2202-1207 Datasheet
910Kb / 19P
2-conductor ground terminal block; with push-button
23.11.2021
2202-1307 WAGO-2202-1307 Datasheet
935Kb / 19P
3-conductor ground terminal block; with push-button
24.11.2021
2202-1407 WAGO-2202-1407 Datasheet
926Kb / 19P
4-conductor ground terminal block; with push-button
24.11.2021
2102-5207 WAGO-2102-5207 Datasheet
901Kb / 18P
2-conductor ground terminal block; with lever and push-button; 2.5 mm짼
24.11.2021
2106-5207 WAGO-2106-5207 Datasheet
723Kb / 14P
2-conductor ground terminal block; with lever and push-button; 6 mm짼
24.11.2021
2116-5207 WAGO-2116-5207 Datasheet
712Kb / 14P
2-conductor ground terminal block; with lever and push-button
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com