Electronic Components Datasheet Search
  English  ▼

X  

VLMS233 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMS233
Description  Power Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS233 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLMS233 Datasheet HTML 1Page - Vishay Siliconix VLMS233 Datasheet HTML 2Page - Vishay Siliconix VLMS233 Datasheet HTML 3Page - Vishay Siliconix VLMS233 Datasheet HTML 4Page - Vishay Siliconix VLMS233 Datasheet HTML 5Page - Vishay Siliconix VLMS233 Datasheet HTML 6Page - Vishay Siliconix VLMS233 Datasheet HTML 7Page - Vishay Siliconix VLMS233 Datasheet HTML 8Page - Vishay Siliconix VLMS233 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VLMS233.., VLMR233.., VLMK233.., VLMO233.., VLMY233..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 23-Sep-2021
6
Document Number: 82423
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
Proposed pad layout
(for reference only)
specifications
according to DIN
technical drawings
Drawing refers to following types:
Drawing-No.: 6.541-5090.01-4
Issue: 4; 20.07.17
Not indicated tolerances ± 0.2
Anode mark
1
1.4 ± 0.1
0.9 ± 0.1
2.2 ± 0.1
2.05 ± 0.1
(1.5)
0.4 ± 0.1
Area not flat
Solder resist
Cu-area > 5 mm2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com