Electronic Components Datasheet Search
  English  ▼

X  

VLWB9600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLWB9600
Description  TELUX LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWB9600 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLWB9600 Datasheet HTML 1Page - Vishay Siliconix VLWB9600 Datasheet HTML 2Page - Vishay Siliconix VLWB9600 Datasheet HTML 3Page - Vishay Siliconix VLWB9600 Datasheet HTML 4Page - Vishay Siliconix VLWB9600 Datasheet HTML 5Page - Vishay Siliconix VLWB9600 Datasheet HTML 6Page - Vishay Siliconix VLWB9600 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLWB9600
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.6, 20-Sep-2021
2
Document Number: 81318
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous flux is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each tube (there will be no mixing of two groups on
each tube).
In order to ensure availability, single brightness groups will be
not orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one tube.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature for InGaN
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLWB9600, BLUE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 50 mA, RthJA = 200 K/W
φV
800
1600
-
mlm
Luminous intensity/total flux
IF = 50 mA, RthJA = 200 K/W
IV/
φV
-0.8
-
mcd/mlm
Dominant wavelength
IF = 50 mA, RthJA = 200 K/W
λd
462
470
476
nm
Angle of half intensity
IF = 50 mA, RthJA = 200 K/W
ϕ
-± 30
-
°
Total included angle
90 % of total flux captured
ϕ
-75-
°
Forward voltage
IF = 50 mA, RthJA = 200 K/W
VF
-3.9
4.7
V
Reverse voltage
IR = 10 μA
VR
510
-
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-50-
pF
Temperature coefficient of
λdom
IF = 30 mA
TC
λdom
-0.02
-
nm/K
LUMINOUS FLUX CLASSIFICATION
GROUP
BLUE
LUMINOUS FLUX (mlm)
MIN.
MAX.
A
800
1250
B
1000
1800
C
1500
2400
D
2000
3000
COLOR CLASSIFICATION
GROUP
BLUE
DOM. WAVELENGTH (nm)
MIN.
MAX.
3
462
468
4
466
472
5
470
476
0
10
20
30
40
50
60
16067
T
amb - Ambient Temperature (°C)
080
20
40
60
100
120
R
thJA = 200 K/W
16006
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com