Electronic Components Datasheet Search
  English  ▼

X  

VLWR9632 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLWR9632
Description  TELUX LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWR9632 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLWR9632 Datasheet HTML 1Page - Vishay Siliconix VLWR9632 Datasheet HTML 2Page - Vishay Siliconix VLWR9632 Datasheet HTML 3Page - Vishay Siliconix VLWR9632 Datasheet HTML 4Page - Vishay Siliconix VLWR9632 Datasheet HTML 5Page - Vishay Siliconix VLWR9632 Datasheet HTML 6Page - Vishay Siliconix VLWR9632 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLWR9630, VLWR9632
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 24-Sep-2021
2
Document Number: 81818
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application
Note
(1) Not for new designs
Note
• Voltages are tested at a current pulse duration of 1 ms
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLWR9630, VLWR9632
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
IR = 100 μA
VR
10
V
DC forward current
Tamb
≤ 85 °C
IF
70
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
212
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +110
°C
Storage temperature range
Tstg
-40 to +110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body preheat
temperature 100 °C / 30 s
Tsd
260
°C
Thermal resistance junction to ambient
With cathode heatsink of 70 mm2
RthJA
200
K/W
Thermal resistance junction to pin
RthJP
90
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLWR9630, VLWR962, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 70 mA, RthJA = 200 K/W VLWR9630 (1)
φV
4000
8500
12 200
mlm
Total flux
IF = 70 mA, RthJA = 200 K/W
VLWR9632
φV
6000
-
12 200
mlm
Luminous intensity/total flux
IF = 70 mA, RthJA = 200 K/W
IV/
φV
-0.8
-
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 K/W
λd
611
616
634
nm
Peak wavelength
IF = 70 mA, RthJA = 200 K/W
λp
-
624
-
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 K/W
ϕ
-± 30
-
°
Total included angle
90 % of total flux captured
ϕ0.9φ
-75-
°
Forward voltage
IF = 70 mA, RthJA = 200 K/W
VF
1.83
2.2
3.03
V
Reverse voltage
VR
10
20
-
V
Temperature coefficient <
λd
IF = 70 mA
TC
λd
-
0.065
-
nm/K
Temperature coefficient VF
IF = 70 mA, T > -25 °C
TCVF
--2-
mV/K
FORWARD VOLTAGE CLASSIFICATION
GROUP
FORWARD VOLTAGE (V)
MIN.
MAX.
Y
1.83
2.07
Z
1.95
2.19
0
2.07
2.31
1
2.19
2.43
2
2.31
2.55
3
2.43
2.67
4
2.55
2.79
5
2.67
2.91
6
2.79
3.03
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
MIN.
MAX.
1
611
618
2
614
622
3
616
634



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com