Electronic Components Datasheet Search
  English  ▼

X  

3013367 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3013367
Description  Belt driven linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3013367 Datasheet(HTML) 1 Page - Festo Corporation.

  3013367 Datasheet HTML 1Page - Festo Corporation. 3013367 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Belt driven linear actuator
EGC-120-800-TB-KF-0H-GK
Part number: 3013367
Data sheet
Feature
Value
Drive pinion effective diameter
39.79 mm
Working stroke
800 mm
Size
120
Stroke reserve
0 mm
Toothed belt elongation
0.13 %
Toothed belt pitch
5 mm
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with toothed belt
Motor type
Stepper motor
Servo motor
Symbol
00991212
Max. acceleration
50 m/s²
Max. speed
5 m/s
Repetition accuracy
±0.08 mm
Duty cycle
100%
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
2nd moment of area Ix
4620000
mm⁴
2nd moment of area Iy
5650000
mm⁴
Max. force Fy
6890 N
Max. force Fz
6890 N
Max. no-load resistance to shifting
70 N
Max. torque Mx
144 Nm
Max. feed force Fx
800 N
Torsion moment of inertia It
2680000
mm⁴
Mass moment of inertia JH per meter of stroke
0.93 kgcm²
Mass moment of inertia JL per kg of payload
3.96 kgcm²
Feed constant
125 mm/U
Material of end caps
Wrought aluminum alloy
Anodized
Profile material
Wrought aluminum alloy
Anodized
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
4/21/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 3013367

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013364 FESTO-3013364 Datasheet
105Kb / 2P
Belt driven linear actuator
4/21/22
3013365 FESTO-3013365 Datasheet
104Kb / 2P
Belt driven linear actuator
4/21/22
3013366 FESTO-3013366 Datasheet
103Kb / 2P
Belt driven linear actuator
4/21/22
3013368 FESTO-3013368 Datasheet
99Kb / 2P
Belt driven linear actuator
4/21/22
3013369 FESTO-3013369 Datasheet
98Kb / 2P
Belt driven linear actuator
4/21/22
More results

Similar Description - 3013367

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8041856 FESTO-8041856 Datasheet
84Kb / 2P
Belt driven linear actuator
4/27/22
8041857 FESTO-8041857 Datasheet
83Kb / 2P
Belt driven linear actuator
4/27/22
8041867 FESTO-8041867 Datasheet
90Kb / 2P
Belt driven linear actuator
4/27/22
8041869 FESTO-8041869 Datasheet
86Kb / 2P
Belt driven linear actuator
4/27/22
8062770 FESTO-8062770 Datasheet
99Kb / 2P
Belt driven linear actuator
4/27/22
8062776 FESTO-8062776 Datasheet
103Kb / 2P
Belt driven linear actuator
4/27/22
8062782 FESTO-8062782 Datasheet
97Kb / 2P
Belt driven linear actuator
4/27/22
8062784 FESTO-8062784 Datasheet
97Kb / 2P
Belt driven linear actuator
4/27/22
8062792 FESTO-8062792 Datasheet
99Kb / 2P
Belt driven linear actuator
4/27/22
8083770 FESTO-8083770 Datasheet
108Kb / 2P
Belt driven linear actuator
5/2/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com