Electronic Components Datasheet Search
  English  ▼

X  

CAS24BB Datasheet(PDF) 1 Page - Schneider Electric

Part # CAS24BB
Description  Telescopic axis, Lexium CAS, model range 2, profile size 120 x 95 mm, toothed belt, double ball guide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAS24BB Datasheet(HTML) 1 Page - Schneider Electric

  CAS24BB Datasheet HTML 1Page - Schneider Electric CAS24BB Datasheet HTML 2Page - Schneider Electric CAS24BB Datasheet HTML 3Page - Schneider Electric CAS24BB Datasheet HTML 4Page - Schneider Electric CAS24BB Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product data sheet
Specifications
Telescopic axis, Lexium CAS, model
range 2, profile size 120 x 95 mm,
toothed belt, double ball guide
CAS24BB
Main
Range of product
Lexium CAS
Roduct or component type
Telescopic axis
Product specific application
For 1 direction
Load position
On carriage
Drive type
Toothed belt
Type of guide
Ball
Complementary
Operating position
Horizontal
Function available
Different carriage lengths adapted to the load
Motor and gearbox mounting options
Operating force
1500 N for Fx
2460 N for Fy
4650 N for Fz positive
2320 N for Fz negative
Maximum speed
9.84 ft/s (3 m/s)
Acceleration
65.62 ft/s² (20 m/s²)
Max. drive torque
318.63 lbf.in (36 N.m)
Max. torque
<619.55 lbf.in (70 N.m) for Mx
<2487.06 lbf.in (281 N.m) for My carriage type 1)
<3310.17 lbf.in (374 N.m) for My carriage type 2)
<2637.52 lbf.in (298 N.m) for Mz carriage type 1)
<3513.74 lbf.in (397 N.m) for Mz carriage type 2)
Min. … Max. stroke
0.51…94.49 in (13…2400 mm)
Repeat accuracy
+/- 0.1 mm
Profile dimension
139 x 155 mm
Service life
30000 km
Contractual warranty
Warranty
18 months
 
Apr 20, 2022
1


Similar Part No. - CAS24BB

ManufacturerPart #DatasheetDescription
logo
Evolt
CAS2-NSAGAAA0888030EC EKTOR-CAS2-NSAGAAA0888030EC Datasheet
493Kb / 4P
CASCADE 2
3rd of February 2025 05:54:56
logo
Kemet Corporation
CAS21C222KARFC KEMET-CAS21C222KARFC Datasheet
251Kb / 1P
CAS SMD SFTY 250, Ceramic, 2200 pF, 10%, X7R, Industrial Grade, Safety MLCC, X1/Y2, 2220
CAS21C471DAGFC KEMET-CAS21C471DAGFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS21C471DAGGC KEMET-CAS21C471DAGGC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
CAS21C471DARFC KEMET-CAS21C471DARFC Datasheet
961Kb / 17P
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
11/8/2022
More results

Similar Description - CAS24BB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAS41BR SCHNEIDER-CAS41BR Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 40 x 40 mm, toothed belt, roller guide
Apr 19, 2022
CAS42BB SCHNEIDER-CAS42BB Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 60 x 60 mm, toothed belt, ball guide
Apr 19, 2022
CAS42BR SCHNEIDER-CAS42BR Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 60 x 60 mm, toothed belt, roller guide
Apr 19, 2022
CAS43BB SCHNEIDER-CAS43BB Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 80 x 80 mm, toothed belt, ball guide
Apr 19, 2022
CAS43BR SCHNEIDER-CAS43BR Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 80 x 80 mm, toothed belt, roller guide
Apr 20, 2022
CAS44BB SCHNEIDER-CAS44BB Datasheet
125Kb / 5P
Cantilever axis, Lexium CAS, model range 4, profile size 110 x 110 mm, toothed belt, ball guide
Apr 19, 2022
PAS41BR SCHNEIDER-PAS41BR Datasheet
135Kb / 5P
Portal axis, Lexium PAS, model range 4, profile size 40 x 40 mm, toothed belt, roller guide
Apr 20, 2022
PAS42BB SCHNEIDER-PAS42BB Datasheet
135Kb / 5P
Portal axis, Lexium PAS, model range 4, profile size 60 x 60 mm, toothed belt, ball guide
Apr 20, 2022
PAS43BB SCHNEIDER-PAS43BB Datasheet
135Kb / 5P
Portal axis, Lexium PAS, model range 4, profile size 80 x 80 mm, toothed belt, ball guide
Apr 20, 2022
PAS44BB SCHNEIDER-PAS44BB Datasheet
135Kb / 5P
Portal axis, Lexium PAS, model range 4, profile size 110 x 110 mm, toothed belt, ball guide
Apr 19, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com