Electronic Components Datasheet Search
  English  ▼

X  

CAS43BR Datasheet(PDF) 2 Page - Schneider Electric

Part # CAS43BR
Description  Cantilever axis, Lexium CAS, model range 4, profile size 80 x 80 mm, toothed belt, roller guide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAS43BR Datasheet(HTML) 2 Page - Schneider Electric

  CAS43BR Datasheet HTML 1Page - Schneider Electric CAS43BR Datasheet HTML 2Page - Schneider Electric CAS43BR Datasheet HTML 3Page - Schneider Electric CAS43BR Datasheet HTML 4Page - Schneider Electric CAS43BR Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product data sheet
Dimensions Drawings
CAS43BR
Size Characteristics
(2)
LP: total length of axis
(3)
LC: length of drive element
(4)
X: stroke, depending on application
Without protective metal strip
With protective metal strip
mm
20
20
a
in.
0.79
0.79
mm
100
100
B
in.
3.94
3.94
mm
20
20
c
in.
0.79
0.79
mm
–
15
d
in.
–
0.59
mm
–
60
D
in.
–
2.36
mm
109
184
E
in.
4.29
7.24
mm
364
484
LC
in.
14.33
19.06
mm
= 444 + X
= 594 + X
LP
in.
= 17.48 + X
= 23.39 + X
mm
195
195
M
in.
7.68
7.68
mm
200
200
P
in.
7.87
7.87
2
Apr 20, 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com