Electronic Components Datasheet Search
  English  ▼

X  

LU9GC3 Datasheet(PDF) 1 Page - Schneider Electric

Part # LU9GC3
Description  Modbus splitter block - 10 RJ45 and 1 screw terminal block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LU9GC3 Datasheet(HTML) 1 Page - Schneider Electric

  LU9GC3 Datasheet HTML 1Page - Schneider Electric LU9GC3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Modbus splitter block - 10 RJ45 and
1 screw terminal block
LU9GC3
Product availability : Stock - Normally stocked in distribution
facility
Price* : 312.00 USD
Main
Range
TeSys
Device short name
LU9G
Product or Component Type
Modbus hub
Complementary
Maximum number of
connections
8
Net Weight
0.57 lb(US) (0.26 kg)
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
GTIN
3389110366839
Nbr. of units in pkg.
1
Package weight(Lbs)
11.57 oz (328.0 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.97 in (5 cm)
Package 1 width
3.54 in (9 cm)
Package 1 Length
8.07 in (20.5 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
25
Package 2 Weight
19.13 lb(US) (8.679 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Apr 20, 2022
1


Similar Part No. - LU9GC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LU9GC3 ETC2-LU9GC3 Datasheet
46Kb / 1P
Modbus splitter block
logo
Schneider Electric
LU9GC3 SCHNEIDER-LU9GC3 Datasheet
10Mb / 48P
Variable speed drives Altivar Machine
March 2017 - V4.0
More results

Similar Description - LU9GC3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
Screw Terminal Block Cables
C200HOD219 OMRON-C200HOD219 Datasheet
476Kb / 13P
Screw Terminal Block Cables
logo
List of Unclassifed Man...
LU9GC3 ETC2-LU9GC3 Datasheet
46Kb / 1P
Modbus splitter block
logo
METZ CONNECT GmbH
310071XX METZ-310071XX Datasheet
336Kb / 5P
screw type terminal block, pluggable
310151XX METZ-310151XX Datasheet
258Kb / 5P
screw type terminal block, solderable
311071XX METZ-311071XX Datasheet
314Kb / 5P
screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
screw type terminal block, pluggable
logo
Schneider Electric
LUFP9 SCHNEIDER-LUFP9 Datasheet
106Kb / 2P
DeviceNet/Modbus communication gateway - 1 DeviceNet screw type - 1 RJ45 Modbus
May 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com