Electronic Components Datasheet Search
  English  ▼

X  

3013545 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3013545
Description  Ball screw linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3013545 Datasheet(HTML) 1 Page - Festo Corporation.

  3013545 Datasheet HTML 1Page - Festo Corporation. 3013545 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball screw linear actuator
EGC-80-800-BS-20P-KF-0H-ML-GK
Part number: 3013545
Data sheet
Feature
Value
Working stroke
800 mm
Size
80
Stroke reserve
0 mm
Screw diameter
15 mm
Spindle pitch
20 mm/U
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with ball screw
Motor type
Stepper motor
Servo motor
Spindle type
Ball screw
Symbol
00991211
Max. acceleration
15 m/s²
Max. speed
1 m/s ... 1.5 m/s
Repetition accuracy
±0.02 mm
Duty cycle
100%
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
2nd moment of area Ix
981000
mm⁴
2nd moment of area Iy
1320000
mm⁴
2nd moment of area Iz
981000
mm⁴
Max. force Fy
3050 N
Max. force Fz
3050 N
Max. torque Mx
36 Nm
Max. radial force on actuator shaft
250 N
Max. feed force Fx
650 N
Torsion moment of inertia It
255000
mm⁴
Mass moment of inertia JH per meter of stroke
0.346 kgcm²
Feed constant
20 mm/U
Material of end caps
Wrought aluminum alloy
Anodized
Moment compensator material
Wrought aluminum alloy
Anodized
Profile material
Wrought aluminum alloy
Anodized
Note on materials
RoHS-compliant
4/21/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 3013545

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013540 FESTO-3013540 Datasheet
112Kb / 2P
Ball screw linear actuator
4/20/22
3013541 FESTO-3013541 Datasheet
111Kb / 2P
Ball screw linear actuator
4/20/22
3013542 FESTO-3013542 Datasheet
109Kb / 2P
Ball screw linear actuator
4/20/22
3013543 FESTO-3013543 Datasheet
107Kb / 2P
Ball screw linear actuator
4/21/22
3013544 FESTO-3013544 Datasheet
105Kb / 2P
Ball screw linear actuator
4/21/22
More results

Similar Description - 3013545

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013388 FESTO-3013388 Datasheet
113Kb / 2P
Ball screw linear actuator
4/20/22
3013532 FESTO-3013532 Datasheet
115Kb / 2P
Ball screw linear actuator
4/20/22
3013572 FESTO-3013572 Datasheet
113Kb / 2P
Ball screw linear actuator
4/20/22
3013573 FESTO-3013573 Datasheet
111Kb / 2P
Ball screw linear actuator
4/20/22
3013578 FESTO-3013578 Datasheet
115Kb / 2P
Ball screw linear actuator
4/20/22
3013581 FESTO-3013581 Datasheet
110Kb / 2P
Ball screw linear actuator
4/20/22
3013536 FESTO-3013536 Datasheet
107Kb / 2P
Ball screw linear actuator
4/21/22
3013538 FESTO-3013538 Datasheet
102Kb / 2P
Ball screw linear actuator
4/21/22
8061479 FESTO-8061479 Datasheet
106Kb / 2P
Ball screw linear actuator
4/26/22
8061485 FESTO-8061485 Datasheet
111Kb / 2P
Ball screw linear actuator
4/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com