Electronic Components Datasheet Search
  English  ▼

X  

IP1524 Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP1524
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1524 Datasheet(HTML) 4 Page - Interpion semiconductor

  IP1524 Datasheet HTML 1Page - Interpion semiconductor IP1524 Datasheet HTML 2Page - Interpion semiconductor IP1524 Datasheet HTML 3Page - Interpion semiconductor IP1524 Datasheet HTML 4Page - Interpion semiconductor IP1524 Datasheet HTML 5Page - Interpion semiconductor IP1524 Datasheet HTML 6Page - Interpion semiconductor IP1524 Datasheet HTML 7Page - Interpion semiconductor IP1524 Datasheet HTML 8Page - Interpion semiconductor IP1524 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
December. 2002 (Rev.0)
- 4 -
IP1524
DUAL OUTPUT VOLTAGE LDO REGULATOR
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Quiescent current
Icc
Vcc=5V, No-Load
-
7
12
mA
OVP Dectecting Voltage
Vovp
Vcc=Variable
6.5
-
-
V
Reference voltage
Vref
-
1.212
1.25
1.288
V
LDO REGULATOR 1 (3.3V FIXED TYPE)
Output Voltage
Vout1
Io=10mA
3.2
3.3
3.4
V
Line Regulation
dVline1
Vin=4.5~6V, Io=10mA
-
0.01
0.2
%
Load Regulation
dVload 1
Ta=25OC
Vin=5V, 10mA < Io < 500mA
-
0.4
0.8
%
Dropout voltage
Vdrop1
Io=500mA
-
1.1
1.3
V
Ripple rejection
RR1
F=120Hz, Co=10uF Tantalum
Vin-Vout=2V, Io=250mA
60
70
-
dB
Current limit *Note
Ilimit1
-
500
-
-
mA
Temperature stability
Temp1
-
-
0.5
-
%
LDO REGULATOR 2 (ADJUSTABLE TYPE)
Output Voltage
Vout2
Io=10mA
Vref
-
Vin-
1.5V
V
Line Regulation
dVline2
Vin=4.5~6V, Io=10mA
-
0.01
0.2
%
Load Regulation
dVload2
Ta=25OC
Vin=5V, 10mA < Io < 400mA
-
0.4
0.8
%
Dropout voltage
Vdrop2
Io=400mA
-
1.1
1.3
V
Ripple rejection
RR2
F=120Hz, Co=10uF Tantalum
Vin-Vout=2V, Io=200mA
60
70
-
dB
Current limit *Note
Ilimit2
-
500
-
-
mA
Adjust pin current
Iadj 2
-
-
0.1
-
uA
Minimum load current
Ilmin2
-
10
-
-
mA
Temperature stability
Temp2
-
-
0.5
-
%
On voltage
Von
Vout=Enabled
-
-
0.8
V
Off voltage
Voff
Vout=Disabled
2.0
-
-
V
ON/OFF CONTROL PART
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.)
*Note
Don’t exceed following current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com