Electronic Components Datasheet Search
  English  ▼

X  

DAC2800D Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # DAC2800D
Description  6W DUAL DC - DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2800D Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  DAC2800D Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2800D Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2800D Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2800D Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2800D Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2800D Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2800D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates Pin 1.
DAC2812D
The above example is an industrial grade ±12V dual output converter
ORDERING INFORMATION
SCREENING
BLANK= INDUSTRIAL; E= EXTENDED RELIABILITY;
H= CLASS H
DUAL OUTPUT
OUTPUT VOLTAGE
12=±12V; 15=±15V
NOMINAL INPUT VOLTAGE
GENERAL PART NUMBER
Rev. B 12/03
7
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com