Electronic Components Datasheet Search
  English  ▼

X  

ADL5355 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5355
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 16Page - Analog Devices ADL5355 Datasheet HTML 17Page - Analog Devices ADL5355 Datasheet HTML 18Page - Analog Devices ADL5355 Datasheet HTML 19Page - Analog Devices ADL5355 Datasheet HTML 20Page - Analog Devices ADL5355 Datasheet HTML 21Page - Analog Devices ADL5355 Datasheet HTML 22Page - Analog Devices ADL5355 Datasheet HTML 23Page - Analog Devices ADL5355 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL5354
Rev. A | Page 21 of 24
Table 7. Evaluation Board Configuration
Components
Description
Default Conditions
C1, C8, C10, C12,
C13, C15, C18,
C21, C22, C23,
C24, C25, C26
Power supply decoupling. Nominal supply decoupling consists of
a 0.01 μF capacitor to ground in parallel with 10 pF capacitors to
ground positioned as close to the device as possible.
C10 = 4.7 μF (Size 3216),
C1, C8, C12, C21 = 150 pF (Size 0402),
C22, C23, C24, C25, C26 = 10 pF (Size 0402),
C13, C15, C18 = 0.1 μF (Size 0402)
Z1 to Z4, C2, C3,
C6, C7, C9, C11
RF main and diversity input interface. Main and diversity input
channels are ac-coupled through C9 and C11. Z1 to Z4 provide
additional component placement for external matching/filter
networks. C2, C3, C6, and C7 provide bypassing for the center taps of
the main and diversity on-chip input baluns.
C2, C7 = 10 pF (Size 0402),
C3, C6 = 0.01 μF (Size 0402),
C9, C11 = 1.5 pF (Size 0402),
Z2, Z4 = 4.3 nH (Size 0402),
Z1, Z3 = open (Size 0402)
T1, T2, C17, C19,
C20, C27 to C33,
L1, L2, L4, L5,
R3, R6, R9, R10
IF main and diversity output interface. The open-collector IF output
interfaces are biased through the pull-up choke inductors (L1, L2,
L4, and L5), leaving R3 and R6 available for additional supply
bypassing. T1 and T2 are 4:1 impedance transformers that are used
to provide a single-ended IF output interface, and C27 and C28
provide the center tap bypassing. C17, C19, C20, C29, C30, C31, C32,
and C33 ensure an ac-coupled output interface. Remove R9 and
R10 for balanced output operation.
C17, C19, C20, C29 to C33 = 0.001 μF (Size 0402),
C27, C28 = 150 pF (Size 0402),
T1, T2 = TC4-1T+ (Mini-Circuits),
L1, L2, L4, L5 = 330 nH (Size 0805),
R3, R6, R9, R10 = 0 Ω (Size 0402)
C14, C16,
R15, LOSEL
LO interface. C14 and C16 provide ac coupling for the LOI1 and LOI2
local oscillator inputs. LOSEL selects the appropriate LO input for
both mixer cores. R15 provides a pull-down to ensure LOI2 is enabled
when the LOSEL jumper is removed. The jumper can be removed to
allow the LOSEL interface to be exercised by using an external logic
generator.
C14, C16 = 10 pF (Size 0402),
R15 = 10 kΩ (Size 0402),
LOSEL = 2-pin shunt
R19, PWDN
PWDN interface. When the PWDN 2-pin shunt is inserted, the
ADL5354 is powered down. When R19 is open, it pulls the PWDN
logic low and enables the device. The jumper can be removed to
allow PWDN interface to be exercised using an external logic
generator. Grounding the PWDN pin is allowed during nominal
operation but is not permitted when supply voltages exceed 3.3 V.
R19 = 10 kΩ (Size 0402),
PWDN = 2-pin shunt
R1, R2, R4, R5, L3,
L6, R7, R8, R11 to
R14, R16, R17, C34
Bias control. R16 and R17 form a voltage divider to provide a 3 V for
logic control, bypassed to ground through C34. Resistors R7, R8, R11,
R12, R13, and R14 provide resistor programmability of VGS0, VGS1,
and VGS2. Typically, these nodes can be hardwired for nominal
operation. Grounding these pins is allowed for nominal operation.
R2 and R5 set the bias point for the internal LO buffers. R1 and R4 set
the bias point for the internal IF amplifiers. L3 and L6 are external
inductors used to improve isolation and common-mode rejection.
R1, R4 = 1.3 kΩ (Size 0402),
R2, R5 = 1 kΩ (Size 0402),
L3, L6 = 0 Ω (Size 0603),
R12, R13, R14 = open (Size 0402),
R7, R8, R11 = 0 Ω (Size 0402),
R16 = 10 kΩ (Size 0402),
R17 = 15 kΩ (Size 0402),
C34 = 1 nF (Size 0402)
Figure 54. Evaluation Board Top Layer
Figure 55. Evaluation Board Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com