Electronic Components Datasheet Search
  English  ▼

X  

DAC2800S Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # DAC2800S
Description  5.4W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2800S Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  DAC2800S Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BW=10KHz to 2MHz
LIN=2µH
VIN=16, 28 and 40 VDC
IOUT=0, 208 and 417mA
VIN=16, 28 and 40 VDC
IOUT=0, 208 and 417mA
IOUT=208mA to/from 417mA
Transition TIme=30µS
IOUT=208mA to/from 417mA
Transition TIme=30µS
VIN=16V to/from 40V
Transition Time=30µS
VIN=16V to/from 40V
Transition Time=30µS
POUT=5.4W MAX.
POUT=5W MAX.
Enabled, IOUT=0mA
Disabled IOUT=0mA
No Effect on DC Performance
Input to output or any pin to case @ 500V
RPOT=50K
Ω
11V
≤VIN≤50V
16V
≤VIN≤40V
BW=10KHz to 2MHz
1
2
3
4
5
6
7
8
+VIN = 28V, IOUT = 417mA, TA=TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC= -55°C
Device has internal shutdown feature that pulses the output with a low duty cycle during faults.
Consult DSCC SMD for electrical parameters for devices purchased as such.
ELECTRICAL SPECIFICATIONS
NOTES:
Rev. C 7/04
3
Capacitive Load
Isolation
Short Circuit Current Limit
Switching Frequency
VOUT Adjustment Range
VDC
VDC
mA
mA
mA
mA
mVrms
mVrms
mAp-p
mAp-p
mV
mV
mV
mV
%
%
mV
mV
µS
µS
mV
mV
µS
µS
mV
mV
mS
mS
µS
µS
mS
V
V
mA
mA
µF
M
Ω
A
KHz
%
Min.
11.9
11.76
417
417
450
450
-
-
-
-
-
-
-
-
62
60
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
11
-
-
-
100
0.50
375
±10
Output Voltage
Output Voltage Ripple
Input Current Ripple
Line Regulation
Load Regulation
Efficiency
Step Load Response
Step Load Recovery
Step Line Response
Step Line Recovery
Start Up Overshoot
Start Up Delay
Shutdown Delay
Parameter
Test Conditions 1
Max.
12.1
12.24
-
-
-
-
60
100
125
200
±25
±50
±25
±50
-
-
±500
±700
200
200
±500
±500
200
200
200
200
60
60
500
500
60
40
50
50
2.5
300
-
1.8
425
-
DAC2812S
DAC2812S H/E
Input Voltage Range
Output Current
Units
Typ.
12.0
-
-
-
-
-
15
-
76
-
±5
-
±5
-
67
-
±350
-
80
-
±200
-
90
-
0
-
40
-
250
-
40
-
-
35
1.25
-
-
1.1
400
-
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
-
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1
1
4
1
7
2
Min.
11.85
-
417
-
450
-
-
-
-
-
-
-
-
-
62
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
11
-
-
-
100
0.50
375
±10
Max.
12.15
-
-
-
-
-
60
-
125
-
±30
-
±30
-
-
-
±500
-
200
-
±500
-
200
-
200
-
60
-
500
-
60
40
50
50
2.5
300
-
1.8
425
-
Typ.
12.0
-
-
-
-
-
15
-
76
-
±5
-
±5
-
67
-
±350
-
80
-
±200
-
90
-
0
-
40
-
250
-
40
-
-
35
1.25
-
-
1.1
400
-
Shutdown Recovery
Quiescent Current
2
2
2
2
2
2
DAC2812S
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com