Electronic Components Datasheet Search
  English  ▼

X  

DAC2812SH Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # DAC2812SH
Description  5.4W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812SH Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

  DAC2812SH Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2812SH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6572
www.mskennedy.com
Rev. C 7/04
9
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates Pin 1.
ORDERING INFORMATION
Screening
Level
Part
Number
DAC2812S
DAC2812SE
DAC2812SH
5962-93093
5962-94631
DAC2815S
DAC2815SE
DAC2815SH
5962-93094
5962-94630
Output
Voltage
Industrial
Extended Reliability
MIL-PRF-38534 Class H
DSCC-SMD
DSCC-SMD
Industrial
Extended Reliability
MIL-PRF-38534 Class H
DSCC-SMD
DSCC-SMD
12V
15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com