Electronic Components Datasheet Search
  English  ▼

X  

IP9001 Datasheet(PDF) 10 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 10 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 6Page - Interpion semiconductor IP9001 Datasheet HTML 7Page - Interpion semiconductor IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 10 -
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS - - - continued
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
[ RESET PART ]
VCC1 reset threshold
voltage ratio
RRSTOTH
Ratio to error amplifier
threshold voltage
85
90
95
%
RESET detect
hysteresis width
VRSTHS
-
25
50
100
mV
RESET output voltage
VRST
IO=1mA,SVCC1=SVCC2=2.
8V
-
-
0.5
V
RESET pull-up resistance
RRST
-
72
90
108
K ohm
AMUTE output voltage1
VAMO1
IO=1mA,SVCC1=SVCC2=2.
8V
2.0
-
2.4
V
AMUTET output voltage2
VAMO2
IO=1mA,SVCC1=SVCC2=2.
8V,
START=0V
2.0
-
2.4
AMUTE pull-down
resistance
RAMU
-
77
95
113
K ohm
[ OP-AMP ]
Input bias current
IBIAS
OPIN+=1.6V
-
-
300
nA
Input offset voltage
VOFOP
OPIN+=1.6V
-5.5
0
5.5
mV
High level output voltage
VOHOP
RL=OPEN
2.8
-
-
V
Low level output voltage
VOLOP
RL=OPEN
-
-
0.2
Output source current
ISRC
50ohm, GND
-
-6.5
-3.0
Output sink current
ISNK
50ohm, SVCC
3
6
-
Open loop voltage gain
GVO
VIN=-75dB, f=1KHz
-
70
-
dB
Slew rate
SR
-
-
0.5
-
V/uS
mA
(Ta = 25
OC, VCC1=VCC2=3.2V, VBAT=2.4V, VREF=1.6V,
VCHG=0V, fclk=88.2KHz unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com