Electronic Components Datasheet Search
  English  ▼

X  

DG9053 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9053
Description  Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9053 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9053 Datasheet HTML 1Page - Vishay Siliconix DG9053 Datasheet HTML 2Page - Vishay Siliconix DG9053 Datasheet HTML 3Page - Vishay Siliconix DG9053 Datasheet HTML 4Page - Vishay Siliconix DG9053 Datasheet HTML 5Page - Vishay Siliconix DG9053 Datasheet HTML 6Page - Vishay Siliconix DG9053 Datasheet HTML 7Page - Vishay Siliconix DG9053 Datasheet HTML 8Page - Vishay Siliconix DG9053 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 73410
S11-1066-Rev. B, 30-May-11
Vishay Siliconix
DG9051, DG9052, DG9053
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (Dual Supply V + = 5 V, V - = - 5 V)
Parameter
Symbol
Test Condition
Unless Otherwise Specified
V + = 5 V, V - = - 5 V ± 10 %
VA, VEN = 0.8 V or 2 V
f
Temp.b
Limits
- 40 °C to 85°C
Unit
Min.c
Typ.d
Max.c
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 5
5
V
On-Resistance
RON
V + = 4.5 V, V - = - 4.5 V, VD = ± 3 V, IS = 1 mA
Sequence Each Switch On
Room
Full
35
55
60
RON Match Between Channels
g
RON
V + = 4.5 V, V - = - 4.5 V, VD = ± 3 V, IS = 1 mA
Room
5
On-Resistance Flatnessi
RON
Flatness
Room
7
10
Switch Off Leakage Currenta
IS(off)
V + = 5.5 V, V - = - 5.5 V
VEN = 2 V, VD = ± 4 .5 V, VS = ± 4.5 V
Room
Full
- 1
- 20
1
20
nA
ID(off)
Room
Full
- 1
- 20
1
20
Channel On Leakage Currenta
ID(on)
V + = 5.5 V, V - = - 5.5 V
VEN = 0 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
Full
- 2
- 10
2
10
Digital Control
Logic High Input Voltage
VINH
Full
2
V
Logic Low Input Voltage
VINL
Full
0.8
Input Currenta
IIN
VAX = VEN = 2 V or 0.8 V
Full
- 1
1
µA
Dynamic Characteristics
Transition Timee
tTRANS
V + = 4.5 V, V - = - 4.5 V VNO/NC = ± 3 V,
RL = 300 , CL = 35 pF
Room
Full
35
50
65
ns
Break-Before-Make Timee
tBBM
VX,Y, Z = +/- 3 V, VS = 0 V,
RL = 300 , CL = 35 pF
Room
Full
512
Enable Turn-On Timee
tON(EN)
Room
Full
38
55
70
Enable Turn-Off Timee
tOFF(EN)
Room
Full
22
35
50
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 2 V
Room
5
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 2 V
Room
9
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
13
Power Supply
Power Supply Current
I+
VEN = VA = 0 V or V +
Room
1
µA
I-
Room
- 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com