Electronic Components Datasheet Search
  English  ▼

X  

DG9253 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9253
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9253 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9253 Datasheet HTML 1Page - Vishay Siliconix DG9253 Datasheet HTML 2Page - Vishay Siliconix DG9253 Datasheet HTML 3Page - Vishay Siliconix DG9253 Datasheet HTML 4Page - Vishay Siliconix DG9253 Datasheet HTML 5Page - Vishay Siliconix DG9253 Datasheet HTML 6Page - Vishay Siliconix DG9253 Datasheet HTML 7Page - Vishay Siliconix DG9253 Datasheet HTML 8Page - Vishay Siliconix DG9253 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 67075
S11-1550-Rev. C, 01-Aug-11
Vishay Siliconix
DG9251, DG9252, DG9253
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Supplies
Power Supply Current
ICC
VCC = + 5 V, VEE = - 5 V
VIN(A, B, C and ENABLE) = 0 or 5 V
Room
Full
0.05
1
10
1
10
µA
Negative Supply Current
IEE
Room
Full
- 0.05
- 1
- 10
- 1
- 10
Ground Current
IGND
Room
Full
- 0.05
- 1
- 10
- 1
- 10
SPECIFICATIONS (for Dual Supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VCC = + 5 V, VEE = - 5 V
VIN(A, B, C and ENABLE) = 1.4 V, 0.3 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
SPECIFICATIONS (for Unipolar Supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VCC = + 5 V, VEE = 0 V
VIN(A, B, C and ENABLE) = 1.4 V, 0.3 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
5
0
5
V
On-Resistance
RON
IS = 1 mA, VD = 0 V, + 3.5 V
Room
Full
145
482
565
482
513
On-Resistance Match
R
ON
IS = 1 mA, VD = + 3.5 V
Room
Full
3.6
20
22
20
21
On-Resistance Flatness
RFLATNESS
IS = 1 mA, VD = 0 V, + 3 V
Room
Full
113
151
254
151
231
Switch Off
Leakage Current
IS(off)
VCC = + 5.5 V, VEE = 0 V
VD = 1 V/4.5 V, VS = 4.5 V/1 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
nA
ID(off)
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Channel On
Leakage Current
ID(on)
VCC = + 5.5 V, VEE = 0 V
VD = VS = 1 V/4.5 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Digital Control
VIN(A, B, C and ENABLE) Low
VIL
Full
0.3
0.3
V
VIN(A, B, C and ENABLE) High
VIH
Full
1.4
1.4
Input Current, VIN Low
IL
VIN(A, B, C and ENABLE)
under test = 0.3 V
Full
0.01
- 1
1
- 1
1
µA
Input Current, VIN High
IH
VIN(A, B, C and ENABLE)
under test = 1.4 V
Full
0.01
- 1
1
- 1
1
Dynamic Characteristics
Transition Time
tTRANS
RL = 300 , CL = 35 pF
see figure 1, 2, 3
Room
Full
97
230
305
230
266
ns
Enable Turn-On Time
tON
Room
Full
229
335
652
335
545
Enable Turn-Off Time
tOFF
Room
Full
64
150
173
150
163
Break-Before-Make
Time Delay
tD
Room
Full
36
20
20
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 1 nF
Full
0.44
pC
Off Isolatione
OIRR
RL = 50 , CL = 15 pF
f = 100 kHz
Room
< - 90
dB
Channel-to-Channel
Crosstalke
XTALK
Room
< - 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com