Electronic Components Datasheet Search
  English  ▼

X  

DG9451 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9451
Description  8-Channel, Triple 2-Channel Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9451 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9451 Datasheet HTML 1Page - Vishay Siliconix DG9451 Datasheet HTML 2Page - Vishay Siliconix DG9451 Datasheet HTML 3Page - Vishay Siliconix DG9451 Datasheet HTML 4Page - Vishay Siliconix DG9451 Datasheet HTML 5Page - Vishay Siliconix DG9451 Datasheet HTML 6Page - Vishay Siliconix DG9451 Datasheet HTML 7Page - Vishay Siliconix DG9451 Datasheet HTML 8Page - Vishay Siliconix DG9451 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DG9451, DG9453
www.vishay.com
Vishay Siliconix
S14-2340-Rev. C, 08-Dec-14
4
Document Number: 65020
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
VCC = +5 V, VEE = 0 V
VIN(A, B, C AND ENABLE) = 1.4 V, 0.3 V a
TEMP. b TYP. a
-40 °C to +125 °C -40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
5
0
5
V
On-Resistance
RON
IS = 1 mA, VD = 0 V, +3.5 V
Room
105
-
165
-
165
Ω
Full
-
-
205
-
194
On-Resistance Match
ΔRON
IS = 1 mA, VD = +3.5 V
Room
3.2
-
8
-
8
Full
-
-
13
-
10
On-Resistance Flatness
RFLATNESS
IS = 1 mA, VD = 0 V, +3 V
Room
17
-
26
-
26
Full
-
-
30
-
28
Switch Off
Leakage Current
IS(off)
V+ = +5.5 V, V- = 0 V
VD = 1 V/4.5 V, VS = 4.5 V/1 V
Room
± 0.02
-1
1
-1
1
nA
Full
-
-50
50
-5
5
ID(off)
Room
± 0.02
-1
1
-1
1
Full
-
-50
50
-5
5
Channel On
Leakage Current
ID(on)
V+ = +5.5 V, V- = 0 V
VD = VS = 1 V/4.5 V
Room
± 0.02
-1
1
-1
1
Full
-
-50
50
-5
5
Digital Control
VIN(A, B, C and ENABLE) Low
VIL
Full
-
-
0.3
-
0.3
V
VIN(A, B, C and ENABLE) High
VIH
Full
-
1.4
-
1.4
Input Current, VIN Low
IL
VIN(A, B, C and ENABLE) under test = 0.3 V
Full
0.01
-1
1
-1
1
μA
Input Current, VIN High
IH
VIN(A, B, C and ENABLE) under test = 1.4 V
Full
0.01
-1
1
-1
1
Dynamic Characteristics
Transition Time
tTRANS
RL = 300
Ω, CL = 35 pF
See Figure 1, 2, 3
Room
79
-
205
-
205
ns
Full
-
-
295
-
285
Enable Turn-On Time
tON
Room
220
-
335
-
335
Full
-
-
403
-
393
Enable Turn-Off Time
tOFF
Room
93
-
150
-
150
Full
-
-
173
-
163
Break-Before-Make
Time Delay
tD
Room
36
-
-
-
-
Full
-
-
20
-
20
Charge Injection e
QVg = 0 V, Rg = 0
Ω, CL = 1 nF
Full
0.81
-
-
-
-
pC
Off Isolation e
OIRR
RL = 50
Ω, CL = 15 pF
f = 100 kHz
Room
< -90
-
-
-
-
dB
Channel-to-Channel
Crosstalk e
XTALK
Room
< -90
-
-
-
-
Dynamic Characteristics
Source Off Capacitance e
CS(off)
f = 1 MHz
DG9451
Room
1
-
-
-
-
pF
DG9453
Room
1
-
-
-
-
Drain Off Capacitance e
CD(off)
f = 1 MHz
DG9451
Room
11
-
-
-
-
DG9453
Room
3
-
-
-
-
Channel On Capacitance e
CD(on)
f = 1 MHz
DG9451
Room
17
-
-
-
-
DG9453
Room
9
-
-
-
-
Power Supplies
Power Supply Current
I+
VIN(A, B, C and ENABLE) = 0 V or 5 V
Room
0.05
-
1
-
1
μA
Full
-
-
10
-
10
Negative Supply Current
I-
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-
Ground Current
IGND
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com