Electronic Components Datasheet Search
  English  ▼

X  

DG9636 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9636
Description  Dual SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9636 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9636 Datasheet HTML 1Page - Vishay Siliconix DG9636 Datasheet HTML 2Page - Vishay Siliconix DG9636 Datasheet HTML 3Page - Vishay Siliconix DG9636 Datasheet HTML 4Page - Vishay Siliconix DG9636 Datasheet HTML 5Page - Vishay Siliconix DG9636 Datasheet HTML 6Page - Vishay Siliconix DG9636 Datasheet HTML 7Page - Vishay Siliconix DG9636 Datasheet HTML 8Page - Vishay Siliconix DG9636 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DG9636
www.vishay.com
Vishay Siliconix
S14-0483-Rev. C, 10-Mar-14
4
Document Number: 65159
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dynamic Characteristics
Turn-On Time
ton
RL = 300 , CL = 35 pF
see figure 1, 2
Room
55
-
-
-
-
ns
Full
-
-
-
-
-
Turn-Off Time
toff
Room
30
-
-
-
-
Full
-
-
-
-
-
Break-Before-Make-Time
tBMM
Room
36
-
-
-
-
Full
-
-
-
-
-
Charge Injection e
QINJ
CL = 1 nF, RGEN = 0 , VGEN = 0 V
Full
10
-
-
-
-
pC
Off-Isolation e
OIRR
f = 10 MHz, RL = 50 , CL = 5 pF
Room
-58
-
-
-
-
dB
Crosstalk e
XTALK
Room
-68
-
-
-
-
Bandwidth e
BW
RL = 50 
Room
610
-
-
-
-
MHz
Total Harmonic
Distortion e
THD
Signal = 1 VRMS, 20 Hz to 20 kHz,
RL = 600 
Room
2.2
-
-
-
-
%
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
2.1
-
-
-
-
pF
Channel On
Capacitance e
CD(on)
8.1
-
-
-
-
Power Supplies
Power Supply Current
I+
VIN = 0 V, or V+
Room
0.001
-
0.5
-
0.5
μA
Full
-
-
1
-
1
Ground Current
IGND
Room
-0.001
-0.5
-
-0.5
-
Full
-
-1
-
-1
-
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, VA0, A1 = 1.4 V, 0.5 V a
Temp.b
Typ. c
-40 °C to 125 °C
-40 °C to 85 °C
Unit
Min. d
Max. d
Min. d
Max. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
-
3
-
3
V
On-Resistance
RDS(on)
IS = 1 mA, VD = +1.5 V
Room
200
-
245
-
245
Full
-
-
325
-
290
On-Resistance Match
R
on
Room
5
-
6
-
6
Full
-
-
13
-
11
Switch Off
Leakage Current
(for 16 pin miniQFN)
IS(off)
V+ = 3.3 V, V- = 0 V
VD = 1 V/3 V, VS = 3 V/1 V
Room
± 0.01
-1
1
-1
1
nA
Full
-
-18
18
-2
2
ID(off)
Room
± 0.01
-1
1
-1
1
Full
-
-18
18
-2
2
Channel On
Leakage Current
(for 16 pin miniQFN)
ID(on)
V+ = 3.3 V, V- = 0 V,
VS = VD = 1 V/3 V
Room
± 0.01
-1
1
-1
1
Full
-
-18
18
-2
2
Digital Control
Input Current, VIN Low
IL
VAX = 0.5 V
Full
0.005
-0.1
0.1
-0.1
0.1
μA
Input Current, VIN High
IH
VAX = 1.4 V
Full
0.005
-0.1
0.1
-0.1
0.1
Input Capacitance
CIN
f = 1 MHz
Room
3.1
-
-
-
-
pF
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, VA0, A1 = 1.4 V, 0.5 V a
Temp. b
Typ. c
-40 °C to 125 °C
-40 °C to 85 °C
Unit
Min. d
Max. d
Min. d
Max. d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com