Electronic Components Datasheet Search
  English  ▼

X  

VLMS31 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMS31
Description  High Intensity SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS31 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMS31 Datasheet HTML 1Page - Vishay Siliconix VLMS31 Datasheet HTML 2Page - Vishay Siliconix VLMS31 Datasheet HTML 3Page - Vishay Siliconix VLMS31 Datasheet HTML 4Page - Vishay Siliconix VLMS31 Datasheet HTML 5Page - Vishay Siliconix VLMS31 Datasheet HTML 6Page - Vishay Siliconix VLMS31 Datasheet HTML 7Page - Vishay Siliconix VLMS31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLMS31..
www.vishay.com
Vishay Semiconductors
Revision: 1.5, 03-Aug-15
1
Document Number: 81327
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Intensity SMD LED PLCC-2
DESCRIPTION
The package of the VLMS31.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMS31J1K2-GS08
Red
4.5
7.8
11.2
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31J1K2-GS18
Red
4.5
7.8
11.2
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31J1L2-GS08
Red
4.5
7.8
18
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31J1L2-GS18
Red
4.5
7.8
18
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31J2L1-GS08
Red
5.6
8
14
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31J2L1-GS18
Red
5.6
8
14
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31K1L2-GS08
Red
7.1
8.5
18
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP
VLMS31K1L2-GS18
Red
7.1
8.5
18
10
624
630
638
10
-
1.9
2.6
20
GaAsP on GaP


Similar Part No. - VLMS31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS31 VISHAY-VLMS31 Datasheet
175Kb / 8P
High Intensity SMD LED PLCC-2
03-Aug-15
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
Standard SMD LED PLCC-2
31-Jul-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3100 TO-GRACE-VLMS3100 Datasheet
684Kb / 8P
Standard SMD LED PLCC-2
logo
Vishay Siliconix
VLMS3100 VISHAY-VLMS3100 Datasheet
212Kb / 8P
Standard SMD LED PLCC-2
28-May-2019
VLMS3100 VISHAY-VLMS3100 Datasheet
233Kb / 7P
Standard SMD LED PLCC-2
20-Jun-2022
More results

Similar Description - VLMS31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLME3100 VISHAY-VLME3100 Datasheet
176Kb / 8P
High Intensity SMD LED PLCC-2
31-Jul-15
VLMR31 VISHAY-VLMR31 Datasheet
173Kb / 7P
High Intensity SMD LED PLCC-2
03-Aug-15
VLMS31 VISHAY-VLMS31 Datasheet
175Kb / 8P
High Intensity SMD LED PLCC-2
03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLME3100 TO-GRACE-VLME3100 Datasheet
690Kb / 8P
High Intensity SMD LED PLCC-2
VLMF31Q2T1-GS08 TO-GRACE-VLMF31Q2T1-GS08 Datasheet
645Kb / 7P
High Intensity SMD LED PLCC-2
logo
Vishay Siliconix
VLME310 VISHAY-VLME310 Datasheet
204Kb / 8P
High Intensity SMD LED PLCC-2
08-Jul-2019
VLME310 VISHAY-VLME310_V01 Datasheet
233Kb / 8P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLMF31 VISHAY-VLMF31_V01 Datasheet
231Kb / 7P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLMR31 VISHAY-VLMR31_V01 Datasheet
230Kb / 7P
High Intensity SMD LED PLCC-2
24-Sep-2021
VLMF31Q2T1 VISHAY-VLMF31Q2T1 Datasheet
227Kb / 7P
High Intensity SMD LED PLCC-2
19-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com