Electronic Components Datasheet Search
  English  ▼

X  

8041856 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8041856
Description  Belt driven linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8041856 Datasheet(HTML) 1 Page - Festo Corporation.

  8041856 Datasheet HTML 1Page - Festo Corporation. 8041856 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Belt driven linear actuator
ELGA-TB-KF-70-1000-0H
Part number: 8041856
Data sheet
Feature
Value
Drive pinion effective diameter
28.65 mm
Working stroke
1000 mm
Size
70
Stroke reserve
0 mm
Toothed belt elongation
0.213 %
Toothed belt pitch
3 mm
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with toothed belt
Motor type
Stepper motor
Servo motor
Measuring principle of linear potentiometer
Incremental
Max. acceleration
50 m/s²
Max. speed
5 m/s
Repetition accuracy
±0.08 mm
Duty cycle
100%
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
2nd moment of area Iy
146050
mm⁴
2nd moment of area Iz
459290
mm⁴
Max. driving torque
5.02 Nm
Max. force Fy
1500 N
Max. force Fz
1850 N
Max. no-load resistance to shifting
41.9 N
Max. torque Mx
16 Nm
Max. torque My
132 Nm
Max. torque Mz
132 Nm
Max. feed force Fx
350 N
No-load driving torque
0.6 Nm
Torsion moment of inertia It
103880
mm⁴
Mass moment of inertia JH per meter of stroke
0.19 kgcm²
Mass moment of inertia JL per kg of payload
2.05 kgcm²
Mass moment of inertia JO
2.43 kgcm²
Mass moment of inertia JW for additional slide
1.86 kgcm²
Feed constant
90 mm/U
4/27/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8041856

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8041851 FESTO-8041851 Datasheet
91Kb / 2P
Belt driven linear actuator
4/27/22
8041852 FESTO-8041852 Datasheet
89Kb / 2P
Belt driven linear actuator
4/27/22
8041853 FESTO-8041853 Datasheet
88Kb / 2P
Belt driven linear actuator
4/27/22
8041854 FESTO-8041854 Datasheet
87Kb / 2P
Belt driven linear actuator
4/27/22
8041855 FESTO-8041855 Datasheet
86Kb / 2P
Belt driven linear actuator
4/27/22
More results

Similar Description - 8041856

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013367 FESTO-3013367 Datasheet
101Kb / 2P
Belt driven linear actuator
4/21/22
8041857 FESTO-8041857 Datasheet
83Kb / 2P
Belt driven linear actuator
4/27/22
8041867 FESTO-8041867 Datasheet
90Kb / 2P
Belt driven linear actuator
4/27/22
8041869 FESTO-8041869 Datasheet
86Kb / 2P
Belt driven linear actuator
4/27/22
8062770 FESTO-8062770 Datasheet
99Kb / 2P
Belt driven linear actuator
4/27/22
8062776 FESTO-8062776 Datasheet
103Kb / 2P
Belt driven linear actuator
4/27/22
8062782 FESTO-8062782 Datasheet
97Kb / 2P
Belt driven linear actuator
4/27/22
8062784 FESTO-8062784 Datasheet
97Kb / 2P
Belt driven linear actuator
4/27/22
8062792 FESTO-8062792 Datasheet
99Kb / 2P
Belt driven linear actuator
4/27/22
8083770 FESTO-8083770 Datasheet
108Kb / 2P
Belt driven linear actuator
5/2/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com