Electronic Components Datasheet Search
  English  ▼

X  

8041863 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8041863
Description  Belt driven linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8041863 Datasheet(HTML) 1 Page - Festo Corporation.

  8041863 Datasheet HTML 1Page - Festo Corporation. 8041863 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Belt driven linear actuator
ELGA-TB-KF-80-1200-0H
Part number: 8041863
Data sheet
Feature
Value
Drive pinion effective diameter
39.79 mm
Working stroke
1200 mm
Size
80
Stroke reserve
0 mm
Toothed belt elongation
0.168 %
Toothed belt pitch
5 mm
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with toothed belt
Motor type
Stepper motor
Servo motor
Measuring principle of linear potentiometer
Incremental
Max. acceleration
50 m/s²
Max. speed
5 m/s
Repetition accuracy
±0.08 mm
Duty cycle
100%
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
2nd moment of area Iy
257180
mm⁴
2nd moment of area Iz
913660
mm⁴
Max. driving torque
15.92 Nm
Max. force Fy
2500 N
Max. force Fz
3050 N
Max. no-load resistance to shifting
50.3 N
Max. torque Mx
36 Nm
Max. torque My
228 Nm
Max. torque Mz
228 Nm
Max. feed force Fx
800 N
No-load driving torque
1 Nm
Torsion moment of inertia It
159250
mm⁴
Mass moment of inertia JH per meter of stroke
0.93 kgcm²
Mass moment of inertia JL per kg of payload
3.96 kgcm²
Mass moment of inertia JO
9.82 kgcm²
Mass moment of inertia JW for additional slide
7.61 kgcm²
Feed constant
125 mm/U
4/27/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8041863

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8041860 FESTO-8041860 Datasheet
89Kb / 2P
Belt driven linear actuator
4/27/22
8041861 FESTO-8041861 Datasheet
87Kb / 2P
Belt driven linear actuator
4/27/22
8041862 FESTO-8041862 Datasheet
86Kb / 2P
Belt driven linear actuator
4/27/22
8041864 FESTO-8041864 Datasheet
93Kb / 2P
Belt driven linear actuator
4/27/22
8041865 FESTO-8041865 Datasheet
92Kb / 2P
Belt driven linear actuator
4/27/22
More results

Similar Description - 8041863

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013367 FESTO-3013367 Datasheet
101Kb / 2P
Belt driven linear actuator
4/21/22
8041856 FESTO-8041856 Datasheet
84Kb / 2P
Belt driven linear actuator
4/27/22
8041857 FESTO-8041857 Datasheet
83Kb / 2P
Belt driven linear actuator
4/27/22
8041867 FESTO-8041867 Datasheet
90Kb / 2P
Belt driven linear actuator
4/27/22
8041869 FESTO-8041869 Datasheet
86Kb / 2P
Belt driven linear actuator
4/27/22
8062770 FESTO-8062770 Datasheet
99Kb / 2P
Belt driven linear actuator
4/27/22
8062776 FESTO-8062776 Datasheet
103Kb / 2P
Belt driven linear actuator
4/27/22
8062782 FESTO-8062782 Datasheet
97Kb / 2P
Belt driven linear actuator
4/27/22
8062784 FESTO-8062784 Datasheet
97Kb / 2P
Belt driven linear actuator
4/27/22
8062792 FESTO-8062792 Datasheet
99Kb / 2P
Belt driven linear actuator
4/27/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com