Electronic Components Datasheet Search
  English  ▼

X  

SQJ941EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJ941EP
Description  Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ941EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJ941EP Datasheet HTML 1Page - Vishay Siliconix SQJ941EP Datasheet HTML 2Page - Vishay Siliconix SQJ941EP Datasheet HTML 3Page - Vishay Siliconix SQJ941EP Datasheet HTML 4Page - Vishay Siliconix SQJ941EP Datasheet HTML 5Page - Vishay Siliconix SQJ941EP Datasheet HTML 6Page - Vishay Siliconix SQJ941EP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SQJ941EP
www.vishay.com
Vishay Siliconix
S12-1848-Rev. C, 30-Jul-12
2
Document Number: 65546
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 30 V
-
-
- 1
μA
VGS = 0 V
VDS = - 30 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 30 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS = - 5 V
- 24
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 9 A
-
0.020
0.024
VGS = - 10 V
ID = - 9 A, TJ = 125 °C
-
0.028
0.034
VGS = - 10 V
ID = - 9 A, TJ = 175 °C
-
0.032
0.039
VGS = - 4.5 V
ID = - 5 A
-
0.032
0.039
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 2.5 A
-
10
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 10 V, f = 1 MHz
-
1500
1800
pF
Output Capacitance
Coss
-
370
445
Reverse Transfer Capacitance
Crss
-
260
315
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 15 V, ID = - 9 A
-35
55
nC
Gate-Source Chargec
Qgs
-4.6
-
Gate-Drain Chargec
Qgd
-8.1
-
Gate Resistance
Rg
f = 1 MHz
2.8
5.95
9.5
Turn-On Delay Timec
td(on)
VDD = - 15 V, RL = 1.66 
ID  - 9 A, VGEN = - 10 V, Rg = 6 
-49
60
ns
Rise Timec
tr
-35
50
Turn-Off Delay Timec
td(off)
-47
60
Fall Timec
tf
-26
33
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 32
A
Forward Voltage
VSD
IF = - 2.5 A, VGS = 0
-
- 0.8
- 1.2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com