Electronic Components Datasheet Search
  English  ▼

X  

431 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 431
Description  Matched N-Channel Pairs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

431 Datasheet(HTML) 2 Page - Vishay Siliconix

  431 Datasheet HTML 1Page - Vishay Siliconix 431 Datasheet HTML 2Page - Vishay Siliconix 431 Datasheet HTML 3Page - Vishay Siliconix 431 Datasheet HTML 4Page - Vishay Siliconix 431 Datasheet HTML 5Page - Vishay Siliconix 431 Datasheet HTML 6Page - Vishay Siliconix 431 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U430/431
Vishay Siliconix
www.vishay.com
8-2
Document Number: 70249
S-04031—Rev. E, 04-Jun-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
U430
U431
Parameter
Symbol
Test Conditions
Typb
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA, VDS = 0 V
–35
–25
–25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 10 V, ID = 1 nA
–1
–4
–2
–6
V
Saturation Drain Currentb
IDSS
VDS = 10 V, VGS = 0 V
12
30
24
60
mA
VGS = –15 V, VDS = 0 V
–5
–150
–150
pA
Gate Reverse Current
IGSS
TA = 150_C
–10
–150
–150
nA
VDG = 10 V, ID = 5 mA
–15
pA
Gate Operating Current
IG
TA = 150_C
–10
nA
Gate-Source Forward Voltage
VGS(F)
IG = 10 mA , VDS = 0 V
0.8
1
1
V
Dynamic
Common-Source
Forward Transconductanceb
gfs
15
10
10
mS
Common-Source
Output Conductanceb
gos
VDS = 10 V, ID = 10 mA , f = 1 kHz
100
250
250
mS
Common-Source
Input Capacitance
Ciss
4.5
5
5
Common-Source
Reverse Transfer Capacitance
Crss
VGS = –10 V, VDS = 0 V, f = 1 MHz
2
2.5
2.5
pF
Equivalent Input Noise Voltage
en
VDS = 10 V, ID = 10 mA
f = 100 Hz
6
nV
⁄
√Hz
High Frequency
Common-Source
Forward Transconductance
gfs
14
Common-Source
Output Conductance
gos
VDS = 10 V, ID = 10 mA
f = 100 MHz
0.13
mS
Power-Match
Source Admittance
gig
12
Matching
Differential
Gate-Source Voltage
|V
GS1–VGS2
|
VDG = 10 V, ID = 10 mA
25
mV
Saturation Drain
Current Ratioc
I
DSS1
I
DSS2
VDS = 10 V, VGS = 0 V
0.95
0.9
1
0.9
1
Transconductance Ratioc
g
fs1
g
fs2
VDS = 10 V, ID = 10 mA, f = 1 kHz
0.95
0.9
1
0.9
1
Gate-Source
Cutoff Voltage Ratioc
V
GS(off)1
V
GS(off)2
VDS = 10 V, ID = 1 nA
0.95
0.9
1
0.9
1
Differential Gate Current
|I
G1–IG2
|
VDG = 10 V, ID = 5 mA
–2
pA
Common Mode Rejection Ratio
CMRR
VDG = 5 to 10 V, ID = 10 mA
75
dB
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NZBD
b.
Pulse test: PW
v300 ms duty cycle v3%.
c.
Assumes smaller value in the numerator.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com