Electronic Components Datasheet Search
  English  ▼

X  

71M6532D/F Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # 71M6532D/F
Description  Energy Meter IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6532D/F Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button 71M6532D/F Datasheet HTML 27Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 28Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 29Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 30Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 31Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 32Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 33Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 34Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 121 page
background image
FDS 6531/6532 005
Data Sheet 71M6531D/F-71M6532D/F
Rev 2
31
Table 25: The IEN1 Bit Functions (SFR 0xB8)
Bit
Symbol
Function
IEN1[7]
–
Not used.
IEN1[6]
–
Not used.
IEN1[5]
EX6
EX6 = 0 disables external interrupt 6: XFER_BUSY, RTC_1SEC, WD_NROVF
IEN1[4]
EX5
EX5 = 0 disables external interrupt 5: EEPROM_BUSY
IEN1[3]
EX4
EX4 = 0 disables external interrupt 4: PLL_OK (rise), PLL_OK (fall)
IEN1[2]
EX3
EX3 = 0 disables external interrupt 3: CE_BUSY
IEN1[1]
EX2
EX2 = 0 disables external interrupt 2: FWCOL0, FWCOL1, SPI
IEN1[0]
–
Not Used.
Table 26: The IEN2 Bit Functions (SFR 0x9A)
Bit
Symbol
Function
IEN2[0]
ES1
ES1 = 0 disables the serial channel 1 interrupt.
Table 27: TCON Bit Functions (SFR 0x88)
Bit
Symbol
Function
TCON[7]
TF1
Timer 1 overflow flag.
TCON[6]
TR1
Not used for interrupt control.
TCON[5]
TF0
Timer 0 overflow flag.
TCON[4]
TR0
Not used for interrupt control.
TCON[3]
IE1
External interrupt 1 flag.
TCON[2]
IT1
External interrupt 1 type control bit:
0 = interrupt on low level.
1 = interrupt on falling edge.
TCON[1]
IE0
External interrupt 0 flag
TCON[0]
IT0
External interrupt 0 type control bit:
0 = interrupt on low level.
1 = interrupt on falling edge.
Table 28: The T2CON Bit Functions (SFR 0xC8)
Bit
Symbol
Function
T2CON[7]
–
Not used.
T2CON[6]
I3FR
Polarity control for external interrupt 3: CE_BUSY
0 = falling edge.
1 = rising edge.
T2CON[5]
I2FR
Polarity control for external interrupt 2: FWCOL0, FWCOL1, SPI
0 = falling edge.
1 = rising edge.
T2CON[4:0]
–
Not used.
Table 29: The IRCON Bit Functions (SFR 0xC0)
Bit
Symbol
Function
IRCON[7]
–
Not used
IRCON[6]
–
Not used
IRCON[5]
IEX6
1 = External interrupt 6 occurred and has not been cleared.
IRCON[4]
IEX5
1 = External interrupt 5 occurred and has not been cleared.
IRCON[3]
IEX4
1 = External interrupt 4 occurred and has not been cleared.
IRCON[2]
IEX3
1 = External interrupt 3 occurred and has not been cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com