Electronic Components Datasheet Search
  English  ▼

X  

71M6542F/G Datasheet(PDF) 56 Page - Maxim Integrated Products

Part # 71M6542F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6542F/G Datasheet(HTML) 56 Page - Maxim Integrated Products

Back Button 71M6542F/G Datasheet HTML 52Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 53Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 54Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 55Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 56Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 57Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 58Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 59Page - Maxim Integrated Products 71M6542F/G Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
56
Rev 5
2.5.5
71M654x Temperature Sensor
The 71M654x includes an on-chip temperature sensor for determining the temperature of its bandgap
reference. The primary use of the temperature data is to determine the magnitude of compensation
required to offset the thermal drift in the system for the compensation of current, voltage and energy
measurement and the RTC. See 4.7 Metrology Temperature Compensation on page 97. Also see 2.5.4.4
RTC Temperature Compensation on page 53.
Unlike earlier generation Maxim SoCs, the 71M654x does not use the ADC to read the temperature
sensor. Instead, it uses a technique that is operational in SLP and LCD mode, as well as BRN and MSN
modes. This means that the temperature sensor can be used to compensate for the frequency variation
of the crystal, even in SLP mode while the MPU is halted. See 2.5.4.4 RTC Temperature Compensation
on page 53.
In MSN and BRN modes, the temperature sensor is awakened on command from the MPU by setting the
TEMP_START (I/O RAM 0x28B4[6]) control bit. The MPU must wait for the TEMP_START bit to clear before
reading STEMP[10:0] and before setting the TEMP_START bit once again. In SLP and LCD modes, it is
awakened at a regular rate set by TEMP_PER[2:0] (I/O RAM 0x28A0[2:0]).
The result of the temperature measurement can be read from the two I/O RAM locations STEMP[10:3]
(I/O RAM 0x2881) and STEMP[2:0] (I/O RAM 0x2882[7:5]). Note that both of these I/O RAM locations must
be read and properly combined to form the STEMP[10:0] 11-bit value (see STEMP in Table 46). The
resulting 11-bit value is in 2’s complement form and ranges from -1024 to +1023 (decimal). The equations
below are used to calculate the sensed temperature from the 11-bit STEMP[10:0] reading.
The equations below are used to calculate the sensed temperature. The first equation applies when the
71M654x is in MSN mode and TEMP_PWR = 1. The second equation applies when the 71M654x is in
BRN mode, and in this case, the TEMP_PWR and TEMP_BSEL bits must both be set to the same value, so
that the battery that supplies the temperature sensor is also the battery that is measured and reported in
BSENSE. Thus, the second equation requires reading STEMP and BSENSE. In the second equation,
BSENSE (the sensed battery voltage) is used to obtain a more accurate temperature reading when the IC
is in BRN mode.
For the 71M654x in MSN Mode (with TEMP_PWR = 1):
22
325
.
0
)
(
+
⋅
=
°
STEMP
C
Temp
For the 71M654x in BRN Mode, (with TEMP_PWR=TEMP_BSEL):
4
.
64
609
.
0
00218
.
0
325
.
0
)
(
2
+
⋅
−
⋅
+
⋅
=
BSENSE
BSENSE
STEMP
C
Temp
o
Table 46 shows the I/O RAM registers used for temperature and battery measurement.
If TEMP_PWR selects VBAT_RTC when the battery is nearly discharged, the temperature
measurement may not finish. In this case, firmware may complete the measurement by selecting
V3P3D (TEMP_PWR = 1).
Table 46: I/O RAM Registers for Temperature and Battery Measurement
Name
Location
Rst
Wk
Dir
Description
TBYTE_BUSY
28A0[3]
0
0
R
Indicates that hardware is still writing the 0x28A0
byte. Additional writes to this byte are locked out
while it is one. Write duration could be as long as 6 ms.
TEMP_PER[2:0]
28A0[2:0]
0
–
R/W
Sets the period between temperature measurements.
Automatic measurements can be enabled in any
mode (MSN, BRN, LCD, or SLP).
TEMP_PER
Time
0
Manual updates (see TEMP_START)
1-6
2 ^ (3+TEMP_PER) (seconds)
7
Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com