Electronic Components Datasheet Search
  English  ▼

X  

84CF Datasheet(PDF) 1 Page - Schneider Electric

Part # 84CF
Description  Multivariable Vortex flowmeter available with various connections, LCD indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

84CF Datasheet(HTML) 1 Page - Schneider Electric

  84CF Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Specifications
Multivariable Vortex flowmeter
available with various connections,
LCD indicator
84CF
Main
Range of Product
Flow
Product or Component Type
Vortex flowmeter
Device Application
To measure the flow of pressure for liquid, gas, steam
Market Segment
Chemical
Complementary
Product Specific Application
To measure flow with gas media
To measure flow with liquid media
To measure flow with steam media
Communication Port Protocol
Hart protocol tolerance
Measurement accuracy
+/- 0.5 % of reading for liquid
+/- 1.0 % of reading for gas
+/- 1.0 % of reading for steam
Tube diameter
0.59…11.81 in (15…300 mm)
0.75…12 in (19.05…304.80 mm)
Materials in contact with fluid
Stainless steel 316
301 stainless steel
Mounting support
Flange conforming to EN 1092-1
Environment
Ambient air temperature for
operation
-4…392 °F (-20…200 °C)
302…518 °F (150…270 °C)
Product Certifications
FM
ATEX
IECEx
CSA
NEPSI
ANSI RF
ANSI RTJ
 
Apr 26, 2022
1


Similar Part No. - 84CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
84C015BF-8 TOSHIBA-84C015BF-8 Datasheet
7Mb / 185P
MICROPROCESSOR
logo
Bourns Electronic Solut...
84C1A-A12-J06 BOURNS-84C1A-A12-J06 Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
84C1A-A12-J06L BOURNS-84C1A-A12-J06L Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
84C1A-A12-J08L BOURNS-84C1A-A12-J08L Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
84C1A-A12-J10L BOURNS-84C1A-A12-J10L Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
More results

Similar Description - 84CF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
VORTEX FLOWMETER (Eggs DELTA)
EDS6-122A FUJI-EDS6-122A Datasheet
215Kb / 12P
VORTEX FLOWMETER (DELTA FLOWPET)
logo
Kingbright Corporation
APHB1608CGKSYKC KINGBRIGHT-APHB1608CGKSYKC Datasheet
302Kb / 6P
Available in various color combination
logo
Laird Tech Smart Techno...
EXC LSTD-EXC Datasheet
616Kb / 1P
Available in various standard connectors
EXS LSTD-EXS Datasheet
283Kb / 1P
Available in various standard connectors
logo
List of Unclassifed Man...
C30617 ETC2-C30617 Datasheet
647Kb / 7P
Available in various packages
logo
Maxim Integrated Produc...
MAX20029BEVKIT MAXIM-MAX20029BEVKIT Datasheet
811Kb / 7P
Individual Enable and Reset Connections Available
Rev 0; 12/17
logo
Schneider Electric
84CW SCHNEIDER-84CW Datasheet
99Kb / 1P
Vortex wafter transmitter-digital & pulse output signal, LCD indicator
Apr 26, 2022
CFS600A SCHNEIDER-CFS600A Datasheet
90Kb / 1P
Coriolis flowmeter with premium performance and ideal for extreme process conditions. Available with SIL2
Apr 26, 2022
CFS700A SCHNEIDER-CFS700A Datasheet
79Kb / 1P
Coriolis flowmeter for advanced and challenging applications with lowest pressure drop. Available in 4 materials
Apr 26, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com