Electronic Components Datasheet Search
  English  ▼

X  

MAX17545 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17545
Description  4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17545 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17545 Datasheet HTML 1Page - Maxim Integrated Products MAX17545 Datasheet HTML 2Page - Maxim Integrated Products MAX17545 Datasheet HTML 3Page - Maxim Integrated Products MAX17545 Datasheet HTML 4Page - Maxim Integrated Products MAX17545 Datasheet HTML 5Page - Maxim Integrated Products MAX17545 Datasheet HTML 6Page - Maxim Integrated Products MAX17545 Datasheet HTML 7Page - Maxim Integrated Products MAX17545 Datasheet HTML 8Page - Maxim Integrated Products MAX17545 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
(VIN = VEN/UVLO = 24V, RRT = 40.2kΩ (500kHz), CVCC = 2.2μF, VPGND = VSGND = VMODE = VSYNC = 0V, LX = SS = RESET =
open, VBST to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are
referenced to SGND, unless otherwise noted.) (Note 2)
Note 2: All limits are 100% tested at +25°C. Limits over temperature are guaranteed by design.
Note 3: See the Overcurrent Protection/Hiccup Mode section for more details.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
RT AND SYNC
Switching Frequency
fSW
RRT = 210kΩ
90
100
110
kHz
RRT = 102kΩ
180
200
220
RRT = 40.2kΩ
475
500
525
RRT = 8.06kΩ
1950
2200
2450
RRT = open
460
500
540
SYNC Frequency Capture Range
fSW set by RRT
1.1 x fSW
1.4 x fSW
kHz
SYNC Threshold
VIH
2.1
V
VIL
0.8
FB Undervoltage Trip Level to
Cause Hiccup
VFB-HICF
0.56
0.58
0.65
V
Hiccup Timeout
(Note 3)
32,768
Cycles
Minimum On-Time
tON-MIN
135
ns
Minimum Off-Time
tOFF-MIN
140
160
ns
LX Dead Time
5
ns
RESET
RESET Output Level Low
IRESET = 10mA
0.4
V
RESET Output Leakage Current
TA = TJ = +25ºC, VRESET = 5.5V
-0.1
+0.1
µA
FB Threshold for RESET Assertion
VFB-OKF
VFB falling
90.5
92
94.6 %VFB-
REG
FB Threshold for RESET
Deassertion
VFB-OKR
VFB rising
93.8
95
97.8 %VFB-
REG
RESET Deassertion Delay After FB
Reaches 95% Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
165
ºC
Thermal-Shutdown Hysteresis
10
ºC
MAX17545
4.5V–42V, 1.7A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
With Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com