Electronic Components Datasheet Search
  English  ▼

X  

MAX17550 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17550
Description  60V, 25mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter with 22關A No-Load Supply Current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17550 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17550 Datasheet HTML 1Page - Maxim Integrated Products MAX17550 Datasheet HTML 2Page - Maxim Integrated Products MAX17550 Datasheet HTML 3Page - Maxim Integrated Products MAX17550 Datasheet HTML 4Page - Maxim Integrated Products MAX17550 Datasheet HTML 5Page - Maxim Integrated Products MAX17550 Datasheet HTML 6Page - Maxim Integrated Products MAX17550 Datasheet HTML 7Page - Maxim Integrated Products MAX17550 Datasheet HTML 8Page - Maxim Integrated Products MAX17550 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
(VIN = 24V, VGND = 0V, VOUT = 3.3V, VFB = 0.85V, VEN/UVLO = 1.5V, RT/SYNC = 191kΩ, LX = SS = MODE = RESET = unconnected;
TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless otherwise
noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
Switching Frequency
fSW
RRT = 422kΩ
90
100
111
kHz
RRT = 191kΩ
205
220
235
RRT = 130kΩ
295
319
340
RRT = 69.8kΩ
540
592
638
RRT = 45.3kΩ
813
900
973
RRT = 19.1kΩ
1.86
2.08
2.3
MHz
Switching-Frequency Adjustable
Range
See the Switching Frequency
(RT/SYNC) section for details
100
2200
kHz
SYNC Input Frequency
1.1 x fSW
2200
kHz
SYNC Pulse Minimum Off-Time
40
ns
SYNC Rising Threshold
VSYNC-H
1
1.22
1.44
V
Hysteresis
VSYNC-HYS
0.115
0.18
0.265
Number of SYNC Pulses to
Enable Synchronization
1
Cycles
TIMING
Minimum On-Time
tON-MIN
46
82
128
ns
Maximum Duty Cycle
DMAX
fSW ≤ 600kHz,
VFB = 0.98 x VFB-REG
90
94
98
%
fSW > 600kHz,
VFB = 0.98 x VFB-REG
87
92
Hiccup Timeout
51
ms
RESET
FB Threshold for RESET Rising
VFB-OKR
VFB rising
93
95
97
%
FB Threshold for RESET Falling
VFB-OKF
VFB falling
90
92
94
%
RESET
Delay after FB Reaches
95% Regulation
2.1
ms
RESET
Output Level Low
IRESET = 1mA
0.23
V
RESET
Output Leakage Current
Output Leakage Current
VFB = 1.01 x VFB-REG, TA = +25°C
1
µA
MAX17550
60V, 25mA, Ultra-Small, High-Efficiency
Synchronous Step-Down DC-DC Converter
with 22µA No-Load Supply Current
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com