Electronic Components Datasheet Search
  English  ▼

X  

MAX17574 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17574
Description  4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17574 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17574 Datasheet HTML 13Page - Maxim Integrated Products MAX17574 Datasheet HTML 14Page - Maxim Integrated Products MAX17574 Datasheet HTML 15Page - Maxim Integrated Products MAX17574 Datasheet HTML 16Page - Maxim Integrated Products MAX17574 Datasheet HTML 17Page - Maxim Integrated Products MAX17574 Datasheet HTML 18Page - Maxim Integrated Products MAX17574 Datasheet HTML 19Page - Maxim Integrated Products MAX17574 Datasheet HTML 20Page - Maxim Integrated Products MAX17574 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
9/16
Initial release
—
1
7/17
Updated Absolute Maximum Ratings section and Package Thermal Characteristics in
Package Information table. Updated Electrical Characteristics and Typical Operating
Characteristics global conditions, and Pin Description table for Pin 12. Corrected typo
in Pin Description table Pin 15. Updated Linear Regulator (VCC and EXTVCC) section,
equations in Operating Input Voltage Range and Power Dissipation sections, and
Typical Application Circuits.
2–9, 11,
13–14,
16–19
2
5/18
Updated the General Description, Benefits and Features, Absolute Maximum Ratings,
Detailed Description, Linear Regulator (VCC and EXTVCC), Operating Input Voltage
Range, RESET Output, Thermal Shutdown Protection, Input Capacitor Selection,
Setting the Input-Undervoltage Lockout Level, and Adjusting Output Voltage sections.
Updated the Electrical Characteristics, Typical Operating Characteristics global
characteristics, TOC12–TOC17, the Pin Description table, Table 2, the Functional
Diagram, and Figures 3–4.
1–10,
12–17, 19
3
7/18
Updated the Package Information table, Note 2, TOC22--TOC27, the Pin Description
table, the Functional (or Block) Diagram, and the Mode Selection and External
Frequency Synchronization (MODE/SYNC) and Linear Regulator (VCC and EXTVCC)
sections.
2, 9, 12--15
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
MAX17574
4.5V to 60V, 3A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
© 2018 Maxim Integrated Products, Inc. │ 21
For pricing, delivery, and ordering information, please visit Maxim Integrated’s online storefront at https://www.maximintegrated.com/en/storefront/storefront.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com