Electronic Components Datasheet Search
  English  ▼

X  

MAX20745 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20745
Description  Integrated, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20745 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20745 Datasheet HTML 17Page - Maxim Integrated Products MAX20745 Datasheet HTML 18Page - Maxim Integrated Products MAX20745 Datasheet HTML 19Page - Maxim Integrated Products MAX20745 Datasheet HTML 20Page - Maxim Integrated Products MAX20745 Datasheet HTML 21Page - Maxim Integrated Products MAX20745 Datasheet HTML 22Page - Maxim Integrated Products MAX20745 Datasheet HTML 23Page - Maxim Integrated Products MAX20745 Datasheet HTML 24Page - Maxim Integrated Products MAX20745 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
For proper OCP operation of the regulator, it is important
that IPK never exceeds the saturation current rating of
the inductor (ISAT). It is recommended that a margin of at
least 20% is included between IPK and ISAT as shown in
Equation 15.
Equation 15:
SAT
PK
I
1.2 I
>×
Also, note that during a hard VOUT short circuit,
IOUTRIPPLE increases because VOUT went to zero in
Equation 10.
Finally, the power dissipation of the inductor influences
the regulation efficiency. Losses in the inductor include
core loss, DC resistance loss and AC resistance loss.
For the best efficiency, use inductors with core material
exhibiting low loss in the range of 0.5MHz to 2MHz and
low-winding resistance.
Table 9 provides a summary of recommended inductor
suppliers and part numbers.
Output Capacitor Selection
The minimum recommended output capacitance for sta-
bility is given in the Control-Loop Stability section and is
normally implemented using several 100µF 1206 (or simi-
lar) MLCCs. For low slew rate transient loads, RGAIN_EFF
determines the VOUT_ERROR for a given load step per
the small-signal model as discussed above. In this case,
COUT has no effect on the VOUT_ERROR.
However, in the event that the slew rate of the load tran-
sient greatly exceeds the slew rate of the inductor current,
the transient VOUT error can be larger than predicted by
the small-signal model. In this case, the VOUT loading
and unloading transients can be approximated by taking
the larger result between Equation 7 and Equation 16.
Equation 16:
(
)
2
OUTRIPPLE
OUT
STEP
OUT
DDH
OUT
2
OUTRIPPLE
OUT
STEP
H_ ON
STEP
OUT
OUT
OUT
I
LI
2
LOADINGTRANSIENT(V)
2C
V
V
I
LI
t
2
UNLOADINGTRANSIENT(V)
I
2C
V
C

×
+


=
××
−

×
+


=
+×
××
In order to meet an aggressive transient specification,
COUT may have to be increased and/or LOUT may
have to be decreased. However, note that decreasing
LOUT results in larger inductor ripple current and thus
decreased efficiency and increased output ripple.
Output voltage ripple is another important consideration
in the selection of output capacitors. For a buck regula-
tor operating in CCM, the total voltage ripple across the
output capacitor bank can be approximated as the sum of
three voltage waveforms: 1) the triangle wave that results
from multiplying the AC ripple current by the ESR, 2) the
square wave that results from multiplying the ripple cur-
rent slew rate by the ESL and 3) the piece wise quadratic
waveform that results from charging and discharging the
output capacitor. Although the phasing of these three
components does impact the total output ripple, a com-
mon approximation is to ignore the phasing and to find
the upper bound of the peak-to-peak ripple by summing
all three components, as shown in Equation 17.
Equation 17:
OUTRIPPLE
DDH
PP
OUTRIPPLE
OUT
SW
OUT
I
V
V
ESR(I
) ESL
L
8f
C

=
+
+

××

where:
ESR = Equivalent series resistance at the output
IOUTRIPPLE = Peak-to-peak inductor current ripple
ESL = High-frequency equivalent series inductance at
output
VDDH = Input voltage
LOUT = Output inductance
fSW = Switching frequency
COUT = Output capacitance
In a typical MAX20745 application with a bank of 0805,
X5R, 6.3V, and 22µF output capacitors, these three com-
ponents are roughly equal.
The ESL effect of an output capacitor on output voltage
ripple cannot be easily estimated from the resonant fre-
quency; the high-frequency (10MHz or above) impedance
of that capacitor should be used. PCB traces and vias in
the VOUT/GND loop contribute additional parasitic induc-
tance.
The final considerations in the selection of output capaci-
tors are ripple current rating and power dissipation. Using
a conservative design approach, the output capacitors
should be designed to handle the maximum peak-to-peak
AC ripple current experienced in the worst-case sce-
nario. Because the recommended output capacitors have
extremely low-ESR values, they are typically rated well
above the current and power stresses seen here. For the
triangular AC ripple current at the output, the total RMS cur-
rent and power is given by Equation 18 and Equation 19.
MAX20745
Integrated, Step-Down Switching Regulator
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com