Electronic Components Datasheet Search
  English  ▼

X  

MIC94060 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC94060
Description  High Side Power Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94060 Datasheet(HTML) 1 Page - Microchip Technology

  MIC94060 Datasheet HTML 1Page - Microchip Technology MIC94060 Datasheet HTML 2Page - Microchip Technology MIC94060 Datasheet HTML 3Page - Microchip Technology MIC94060 Datasheet HTML 4Page - Microchip Technology MIC94060 Datasheet HTML 5Page - Microchip Technology MIC94060 Datasheet HTML 6Page - Microchip Technology MIC94060 Datasheet HTML 7Page - Microchip Technology MIC94060 Datasheet HTML 8Page - Microchip Technology MIC94060 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2021 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20006517B-page 1
MIC94060/1/2/3
Features
• 1.7V to 5.5V Input Voltage Range
• 2A Continuous Operating Current
• 77 mΩ (typ.) RDS(ON)
• Built-In Level Shift for Control Logic; Can be
Operated by 1.5V Logic
• Low 2 μA Quiescent Current
• Soft-Start: MIC94062, MIC94063
• Micropower Shutdown <1 μA
• Load Discharge Circuit: MIC94061, MIC94063
• Space Saving 1.2 mm x 1.6 mm UDFN Package
Applications
• Load Switch in Portable Applications
- Cellular Phones
- PDAs
- MP3 Players
- Digital Cameras
- Portable Instrumentation
• Battery Switch-Over Circuits
• Level Translator
General Description
The MIC94060, MIC94061, MIC94062, and MIC94063
are high-side load switches designed for operation
between 1.7V to 5.5V. The devices contain a low
on-resistance P-channel MOSFET that supports over
2A of continuous current. The MIC94061 and
MIC94063 feature an active load discharge circuit
which ensures capacitive loads retain no charge when
the main switch is in an OFF state.
MIC94060-61 feature rapid turn-on while MIC94062-63
provide a slew-rate controlled soft-start turn-on of
800 μs (typical) to prevent in-rush current from glitching
supply rails.
An active pull-down on the enable input keeps
MIC94060-63 in a default OFF state until the EN pin is
pulled to a high level. Built-in level shift circuitry allows
low voltage logic signals to switch higher supply
voltages, or vice versa; high level logic signals can
control low level voltages.
MIC94060-63’s operating voltage range makes them
suitable for 1-cell Lithium ion and 2- to 3-cell
NiMH/NiCad/Alkaline powered systems, as well as all
5V applications. Their low operating current of 2 μA
and low shutdown current of <1 μA maximize battery
life.
Package Types
MIC94060/1/2/3
6-Lead SC-70 (C6)
(Top View)
MIC94060/1/2/3
4-Lead UDFN (MT)
(Top View)
1
VOUT
GND
EN
6NC
GND
VIN
5
4
2
3
1
VOUT
GND
4EN
VIN
3
2
Pad
is
GND
High Side Power Switches


Similar Part No. - MIC94060

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060 Datasheet
53Kb / 6P
100m SC-70-6 Smart Load Switch
MIC94060 MICREL-MIC94060 Datasheet
923Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060 Datasheet
684Kb / 11P
High Side Power Switches
MIC94060BC6 MICREL-MIC94060BC6 Datasheet
53Kb / 6P
100m SC-70-6 Smart Load Switch
MIC94060BC6 MICREL-MIC94060BC6 Datasheet
923Kb / 11P
High Side Power Switches
More results

Similar Description - MIC94060

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
High Side Power Switches
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
MIC94064 MICREL-MIC94064 Datasheet
578Kb / 8P
High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060_10 Datasheet
684Kb / 11P
High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com