Electronic Components Datasheet Search
  English  ▼

X  

MIC94061 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC94061
Description  High Side Power Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94061 Datasheet(HTML) 4 Page - Microchip Technology

  MIC94061 Datasheet HTML 1Page - Microchip Technology MIC94061 Datasheet HTML 2Page - Microchip Technology MIC94061 Datasheet HTML 3Page - Microchip Technology MIC94061 Datasheet HTML 4Page - Microchip Technology MIC94061 Datasheet HTML 5Page - Microchip Technology MIC94061 Datasheet HTML 6Page - Microchip Technology MIC94061 Datasheet HTML 7Page - Microchip Technology MIC94061 Datasheet HTML 8Page - Microchip Technology MIC94061 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC94060/1/2/3
DS20006517B-page 4
2021 - 2022 Microchip Technology Inc. and its subsidiaries.
Dynamic
Turn-On Delay Time
tON_DLY
—
0.85
1.5
µs
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
—
700
1200
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
Turn-On Rise Time
tON_RISE
0.5
1
5
µs
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
500
800
1500
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
Turn-Off Delay Time
tOFF_DLY
—
100
200
ns
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
—
60
200
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
Turn-Off Fall Time
tOFF_FALL
—
60
100
ns
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94060, 61
—
60
100
VIN = +3.6V, ID = –100 mA,
VEN = 1.5V, MIC94062, 63
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
—
+125
°C
—
Storage Temperature Range
TS
–55
—
+150
°C
—
Package Thermal Resistances
Thermal Resistance, SC-70 6-Ld
JA
—
240
—
°C/W —
Thermal Resistance, UDFN 4-Ld
JA
—
172
—
°C/W —
Thermal Resistance, UDFN 4-Ld
JC
—
134
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = 5V; TA = +25°C, bold values valid for –40°C ≤ TA ≤ +85°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com