Electronic Components Datasheet Search
  English  ▼

X  

MX584JCSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX584JCSA
Description  Pin-Programmable, Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX584JCSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX584JCSA Datasheet HTML 1Page - Maxim Integrated Products MX584JCSA Datasheet HTML 2Page - Maxim Integrated Products MX584JCSA Datasheet HTML 3Page - Maxim Integrated Products MX584JCSA Datasheet HTML 4Page - Maxim Integrated Products MX584JCSA Datasheet HTML 5Page - Maxim Integrated Products MX584JCSA Datasheet HTML 6Page - Maxim Integrated Products MX584JCSA Datasheet HTML 7Page - Maxim Integrated Products MX584JCSA Datasheet HTML 8Page - Maxim Integrated Products MX584JCSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
General Description
Maxim’s MX584 is a temperature-compensated,
bandgap voltage reference which provides pin-program-
mable output voltages of +10.00V, +7.50V, +5.00V, and
+2.50V. External components are not required for these
outputs, but if other voltages are desired, they can be
programmed with external resistors.
Laser trimming minimizes output error as well as tem-
perature drift, to as low as 10mV and 15ppm/°C with
the MX584K.
The input voltage range of the MAX584 is 4.5V to 30V.
The reference also includes a STROBE input which
shuts down the reference output. Typical current drain
when ON is 750µA. This drops to about 100µA when
the reference is strobed OFF.
The MX584 is designed for use with 8- to 14-bit A/D
and D/A converters as well as data acquisition systems.
It is available in 8-lead TO-99 metal cans, plastic DIPS,
CERDIPS, and SO packages.
Applications
CMOS DAC Reference
A/D Converter Reference
Measurement Instrumentation
Data Loggers
Precision Analog Systems
Programmable Offset for PGAs
Features
♦ +10.0V, +7.5V, +5.0V, +2.5V Programmable
Outputs
♦ ±10mV Tolerance at +10V (MX584K)
♦ Low Tempco: 15ppm/°C, max (MAX584K)
♦ No External Components or Trims
♦ Short-Circuit Proof
♦ Output Sources and Sinks Current
♦ 10mA Output Current
Pin-Programmable, Precision Voltage
Reference
________________________________________________________________ Maxim Integrated Products
1
VBG
VBG
STROBE
STROBE
COMMON
COMMON
1
2
8
7
+VS
CAP
CAP
TAB
5.0V
5.0V
2.5V
2.5V
10.0V
10.0V
8-Lead DIP
TOP VIEW
TO-39
3
4
6
5
MX584
MX584
8
7
6
5
4
3
2
1
Pin Configuration
Ordering Information
RFB
VREF
2.4kΩ
GND
COMMON
-15V
-5V REFERENCE FOR CMOS DAC
0 TO 5V
OUT2
0.01µF
OUT1
10V
5V
VOUT
+VS
1
2
-5V
4
8
MX7533
MX584
MAX400
Typical Operating Circuit
19-1115; Rev 2; 11/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
ERROR
MX584JH
0°C to +70°C
8 TO-99 Can
±30mV
MX584KH
0°C to +70°C
8 TO-99 Can
±10mV
MX584JN
0°C to +70°C
8 PDIP
±30mV
MX584KN
0°C to +70°C
8 PDIP
±10mV
MX584JCSA
0°C to +70°C
8 SO
±30mV
MX584KCSA
0°C to +70°C
8 SO
±10mV
MX584JESA
-40°C to +85°C
8 SO
±30mV
MX584KESA
-40°C to +85°C
8 SO
±10mV
MX584JC/D
0°C to +70°C
8 Dice
±30mV
MX584SH
-55°C to +125°C
8 TO-99 Can
±30mV
MX584TH
-55°C to +125°C
8 TO-99 Can
±10mV
MX584SQ
-55°C to +125°C
8 CERDIP
±30mV
MX584TQ
-55°C to +125°C
8 CERDIP
±10mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com