Electronic Components Datasheet Search
  English  ▼

X  

LM5106 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5106
Description  100V Half Bridge Gate Driver with Programmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5106 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5106 Datasheet HTML 1Page - National Semiconductor (TI) LM5106 Datasheet HTML 2Page - National Semiconductor (TI) LM5106 Datasheet HTML 3Page - National Semiconductor (TI) LM5106 Datasheet HTML 4Page - National Semiconductor (TI) LM5106 Datasheet HTML 5Page - National Semiconductor (TI) LM5106 Datasheet HTML 6Page - National Semiconductor (TI) LM5106 Datasheet HTML 7Page - National Semiconductor (TI) LM5106 Datasheet HTML 8Page - National Semiconductor (TI) LM5106 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM5106
100V Half Bridge Gate Driver with Programmable
Dead-Time
General Description
The LM5106 is a high voltage gate driver designed to drive
both the high side and low side N-Channel MOSFETs in a
synchronous buck or half bridge configuration. The floating
high side driver is capable of working with rail voltages up to
100V. The single control input is compatible with TTL signal
levels and a single external resistor programs the switching
transition dead-time through tightly matched turn-on delay
circuits. The robust level shift technology operates at high
speed while consuming low power and provides clean output
transitions. Under-voltage lockout disables the gate driver
when either the low side or the bootstrapped high side
supply voltage is below the operating threshold. The LM5106
is offered in the MSOP-10 or thermally enhanced 10-pin LLP
plastic package.
Features
n
Drives both a high side and low side N-channel
MOSFET
n
1.8A peak output sink current
n
1.2A peak output source current
n
Bootstrap supply voltage range up to 118V DC
n
Single TTL compatible Input
n
Programmable turn-on delays (Dead-time)
n
Enable Input pin
n
Fast turn-off propagation delays (32ns typical)
n
Drives 1000pF with 15ns rise and 10ns fall time
n
Supply rail under-voltage lockout
n
Low power consumption
Typical Applications
n
Solid State motor drives
n
Half and Full Bridge power converters
n
Two switch forward power converters
Package
n
LLP-10 (4 mmx4mm)
n
MSOP-10
Simplified Block Diagram
20175902
FIGURE 1.
January 2006
© 2006 National Semiconductor Corporation
DS201759
www.national.com


Similar Part No. - LM5106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5106 TI-LM5106 Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
LM5106 TI2-LM5106 Datasheet
862Kb / 28P
LM5106 100-V Half-Bridge Gate Driver With Programmable Dead-Time
REVISED DECEMBER 2014
LM5106MM TI-LM5106MM Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
LM5106MM/NOPB TI-LM5106MM/NOPB Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
LM5106MM/NOPB TI2-LM5106MM/NOPB Datasheet
862Kb / 28P
LM5106 100-V Half-Bridge Gate Driver With Programmable Dead-Time
REVISED DECEMBER 2014
More results

Similar Description - LM5106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
100V / 1.4A Peak Half Bridge Gate Driver
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
logo
Texas Instruments
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
logo
Diodes Incorporated
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com