Electronic Components Datasheet Search
  English  ▼

X  

LM5106SD Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5106SD
Description  100V Half Bridge Gate Driver with Programmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5106SD Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5106SD Datasheet HTML 4Page - National Semiconductor (TI) LM5106SD Datasheet HTML 5Page - National Semiconductor (TI) LM5106SD Datasheet HTML 6Page - National Semiconductor (TI) LM5106SD Datasheet HTML 7Page - National Semiconductor (TI) LM5106SD Datasheet HTML 8Page - National Semiconductor (TI) LM5106SD Datasheet HTML 9Page - National Semiconductor (TI) LM5106SD Datasheet HTML 10Page - National Semiconductor (TI) LM5106SD Datasheet HTML 11Page - National Semiconductor (TI) LM5106SD Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Timing Diagrams
Operational Notes
The LM5106 is a single PWM input Gate Driver with Enable
that offers a programmable dead-time. The dead-time is set
with a resistor at the RDT pin and can be adjusted from
100ns to 600ns. The wide dead-time programming range
provides the flexibility to optimize drive signal timing for a
wide range of MOSFETS and applications.
The RDT pin is biased at 3V and current limited to 1 mA
maximum programming current. The time delay generator
will accommodate resistor values from 5k to 100k with a
dead-time time that is proportional to the RDT resistance.
Grounding the RDT pin programs the LM5106 to drive both
outputs with minimum dead-time.
STARTUP AND UVLO
Both top and bottom drivers include under-voltage lockout
(UVLO) protection circuitry which monitors the supply volt-
age (V
DD) and bootstrap capacitor voltage (HB – HS) inde-
pendently. The UVLO circuit inhibits each driver until suffi-
cient supply voltage is available to turn-on the external
MOSFETs, and the UVLO hysteresis prevents chattering
during supply voltage transitions. When the supply voltage is
applied to the V
DD pin of the LM5106, the top and bottom
gates are held low until V
DD exceeds the UVLO threshold,
typically about 6.9V. Any UVLO condition on the bootstrap
capacitor will disable only the high side output (HO).
LAYOUT CONSIDERATIONS
The optimum performance of high and low side gate drivers
cannot be achieved without taking due considerations during
circuit board layout. The following points are emphasized:
20175903
FIGURE 2. LM5106 Input - Output Waveforms
20175904
FIGURE 3. LM5106 Switching Time Definitions: t
LPLH,tLPHL,tHPLH,tHPHL
20175930
FIGURE 4. LM5106 Enable: t
sd
20175931
FIGURE 5. LM5106 Dead-time: DT
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com